Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 2Page - Analog Devices ADE7912 Datasheet HTML 3Page - Analog Devices ADE7912 Datasheet HTML 4Page - Analog Devices ADE7912 Datasheet HTML 5Page - Analog Devices ADE7912 Datasheet HTML 6Page - Analog Devices ADE7912 Datasheet HTML 7Page - Analog Devices ADE7912 Datasheet HTML 8Page - Analog Devices ADE7912 Datasheet HTML 9Page - Analog Devices ADE7912 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 6 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Signal-to-Noise-and-Distortion Ratio, SINAD
72
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
74
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
77
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
78
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
Total Harmonic Distortion, THD
−83
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
−83
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
−85
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
−85
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
Spurious-Free Dynamic Range, SFDR
86
dBFS
ADC_FREQ = 8 kHz, BW = 3300 Hz
86
dBFS
ADC_FREQ = 8 kHz, BW = 2000 Hz
87
dBFS
ADC_FREQ = 2 kHz, BW = 825 Hz
87
dBFS
ADC_FREQ = 2 kHz, BW = 500 Hz
CLKIN2
All specifications for CLKIN = 4.096 MHz
Input Clock Frequency, CLKIN
3.6
4.096
4.21
MHz
CLKIN Duty Cycle
45
50
55
%
XTAL1 Logic Inputs
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
XTAL1 Total Capacitance3
40
pF
XTAL2 Total Capacitance3
40
pF
CLKOUT Delay from XTAL14
100
ns
LOGIC INPUTS—MOSI, SCLK, CS
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
15
nA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—CLKOUT/DREADY AND MISO
Output High Voltage, VOH
2.5
V
ISOURCE = 800 μA
Output Low Voltage, VOL
0.4
V
ISINK = 2 mA
POWER SUPPLY
For specified performance
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%; maximum = 3.3 V + 10%
IDD
12.5
19
mA
Bit 2 (PWRDWN_EN) in CONFIG register cleared to 0
2.7
3
mA
Bit 2 (PWRDWN_EN) in CONFIG register set to 1
50
μA
Bit 2 (PWRDWN_EN) in CONFIG register set to 1
and no CLKIN signal at XTAL1 pin
1 See the Terminology section for a definition of the parameters.
2 CLKIN is the internal clock of the ADE7912/ADE7913. It is the frequency at which the part is clocked at the XTAL1 pin.
3 XTAL1/XTAL2 total capacitances refer to the net capacitances on each pin. Each capacitance is the sum of the parasitic capacitance at the pin and the capacitance of
the ceramic capacitor connected between the pin and GND. See the ADE7912/ADE7913 Clock section for more details.
4 CLKOUT delay from XTAL1 is the delay that occurs from a high to low transition at the XTAL1 pin to a synchronous high to low transition at the CLKOUT/DREADY pin
when CLKOUT functionality is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com