Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 27Page - Analog Devices ADE7912 Datasheet HTML 28Page - Analog Devices ADE7912 Datasheet HTML 29Page - Analog Devices ADE7912 Datasheet HTML 30Page - Analog Devices ADE7912 Datasheet HTML 31Page - Analog Devices ADE7912 Datasheet HTML 32Page - Analog Devices ADE7912 Datasheet HTML 33Page - Analog Devices ADE7912 Datasheet HTML 34Page - Analog Devices ADE7912 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 31 of 44
POWER MANAGEMENT
DC-TO-DC CONVERTER
The dc-to-dc converter section of the ADE7912/ADE7913 works
on principles that are common to most modern power supply
designs. VDD power is supplied to an oscillating circuit that
drives the primary side of a chip scale air core transformer.
Power is transferred to the secondary side, where it is rectified
to a 3.3 V dc voltage. This voltage is then supplied to the ADC
side section through a 2.5 V LDO regulator.
The internal dc-to-dc converter state of the ADE7912/ADE7913
is controlled by the input, VDD. In normal operation mode,
maintain VDD between 2.97 V and 3.63 V.
The block diagram of the isolated dc-to-dc converter is shown
in Figure 47. The ADE7912/ADE7913 primary supply voltage
VDD input supplies an alternative current (ac) source. The ac
signal passes through a chip scale air core transformer, and it is
transferred to the secondary side. A rectifier then produces the
isolated power supply, VDDISO. Using another chip scale air
core transformer, a feedback circuit measures VDDISO and
passes the information back into the VDD domain, where a
PWM control block controls the ac source to maintain VDDISO
at 3.3 V.
Figure 47. Isolated DC-to-DC Converter Block Diagram
The PWM control block works at a CLKIN/4 (1.024 MHz)
clock, and every half period generates a PWM pulse to the ac
source (see Figure 48).
Figure 48. PWM Control Block Generates Pulses Based on a 1.024 MHz Clock
Every time a PWM pulse is generated, the ac source transmits
very high frequency signals across the isolation barrier to allow
efficient power transfer through the small chip scale transformers.
This transfer creates high frequency currents that can propagate
in the circuit board ground and power planes, causing edge and
dipole radiation. The Layout Guidelines section describes the
best PCB layout approach to manage the electromagnetic
interference (EMI) issues. In addition to the layout approach,
the 8-bit EMI_CTRL register helps to reduce the emissions
generated by the ADE7912/ADE7913 dc-to-dc converter.
The clock that manages the PWM control block is divided into
eight periodical slots, 0 to 7, as shown in Figure 48. Each bit of
the EMI_CTRL register controls one slot: Bit 0 controls Slot 0,
Bit 1 controls Slot 1, …, Bit 7 controls Slot 7. When the bit is 1,
the default value, the PWM control block generates a pulse.
When the bit is 0, the PWM control block does not generate a
pulse. The recommendation is to have only four of these bits set
to 1 while keeping the others at 0 for every ADE7912/ADE7913
used in the system to further reduce the emissions generated by
the ADE7912/ADE7913 dc-to-dc converter.
If the 3-phase energy meter contains four ADE7912/ADE7913
devices, the ADE7912/ADE7913 devices must first be synchro-
nized (see the Synchronizing Multiple ADE7912/ADE7913
Devices section). Then the EMI_CTRL register of every
ADE7912/ADE7913 must be initialized. The dc-to-dc
converters of only two ADE7912/ADE7913 devices generate
EMI at the same moment, lowering the overall EMI level of the
meter. Initialize the EMI_CTRL register of the Phase A
ADE7912/ADE7913 (EMI_CTRLA) to 0x55, EMI_CTRLB to
0xAA, EMI_CTRLC to 0x55, and EMI_CTRLN to 0xAA (see
Figure 49).
Figure 49. EMI Management of a 3-Phase Meter with Four
ADE7912/ADE7913 Devices
If the system contains one, two, or three ADE7912/ADE7913
devices, set four bits to 1 in the EMI_ CTRL register according
to the approach shown in Figure 49, while leaving some of the
slots unused.
AC SOURCE
ISOLATION
BARRIER
RECTIFIER
VDDISO
FEEDBACK
CIRCUIT
PWM
CONTROL
TO ADC
BLOCK
VDD = 3.3V
0
1
2
3
4
5
6
7
0
1
PWM CONTROL
PULSE
1.024MHz
CLOCK
0
1
2
3
4
5
6
7
0
1
ADE7912/ADE7913
PHASE A, PHASE C
PWM PULSE
ADE7912/ADE7913
PHASE B, PHASE N
PWM PULSE
1.024MHz CLOCK
A, C
B, N
A, C
B, N
A, C
B, N
A, C
B, N
A, C
B, N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com