Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 26Page - Analog Devices ADE7912 Datasheet HTML 27Page - Analog Devices ADE7912 Datasheet HTML 28Page - Analog Devices ADE7912 Datasheet HTML 29Page - Analog Devices ADE7912 Datasheet HTML 30Page - Analog Devices ADE7912 Datasheet HTML 31Page - Analog Devices ADE7912 Datasheet HTML 32Page - Analog Devices ADE7912 Datasheet HTML 33Page - Analog Devices ADE7912 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 30 of 44
When the DREADY active low pulses are generated, execute the
following steps immediately after the output registers (IWV,
V1WV, V2WV, ADC_CRC, STATUS0, and CNT_SNAPSHOT)
are read:
1. ADC Cycle 0. Disable the protection of the configuration
registers by setting the lock register to 0x9C (see the
Protecting the Integrity of Configuration Registers
section).
Set the 8-bit register SYNC_SNAP to 0x02 using a write
broadcast command. The CA, CB, and CC values of the three
counters are latched and stored in the CNT_SNAPSHOT
register of each device.
2. ADC Cycle 1. The ADE7912/ADE7913 counters (CA, CB,
and CC) latched at Cycle 0 are read in burst mode from the
CNT_SNAPSHOT register together with the IWV, V1WV,
V2WV, ADC_CRC, and STATUS0 registers.
3. ADC Cycle 2. Because CA > CC, the following equation can
be written:
*
0
A
A
C
C
C
C
C
+
=
+
where
*
A
C
is the new value that must be determined.
The new initial counter value,
A
0
C
*
A
C
C
C
C
+
=
, is
written into the Phase A ADE7912/ADE7913 (labeled
ADE7912A/ADE7913A in Figure 44) in two consecutive
8-bit writes to the COUNTER0 and COUNTER1 registers.
The Phase A ADE7912/ADE7913 device is in synchroniza-
tion with the Phase C ADE7912/ADE7913 starting with
ADC Cycle 4.
Because CB < CC, the following equation can be written:
*
B
B
C
C
C
C
+
=
where
*
B
C
is the new value that must be determined.
The new initial counter value,
B
C
*
B
C
C
C
=
, is written
into the Phase B ADE7912/ADE7913 in two consecutive 8-
bit writes to the COUNTER0 and COUNTER1 registers.
Phase B ADE7912/ADE7913 is in synchronization with the
Phase C ADE7912/ADE7913 starting with ADC Cycle 4.
As demonstrated, if the latched value of the counter on the
reference Phase X is CX and the initial value of the counter
is C0 (see Table 1 ), the new value of the counter on
Phase Y that is required to bring Phase Y in
synchronization to Phase X is as follows:
If CY > CX, then
Y
X
Y
C
C
C
C
+
=
0
*
(10)
If CY ≤ CX, then
Y
X
Y
C
C
C
=
*
(11)
4. ADC Cycle 3. The Phase A and Phase B ADE7912/ADE7913
counters start counting down based on the COUNTER1
and COUNTER0 values written during ADC Cycle 2.
5. ADC Cycle 4. All ADE7912/ADE7913 devices generate
ADC outputs synchronously. To verify this, as a good
programming practice, read the counters again so that the
SYNC_SNAP = 0x02 command is executed one more time.
6. ADC Cycle 5. The ADE7912/ADE7913 counters (CA, CB,
and CC), latched after the SYNC_SNAP = 0x02 command,
are stored in the CNT_SNAPSHOT register and are read in
burst mode. They show the same value, ±1 LSB, which
means ±1 CLKIN cycle (±244 ns for CLKIN = 4.096 MHz).
CC = CA ± 1 = CB ± 1
7. Reenable protection of the configuration registers by
setting the lock register to 0xCA (see the Protecting the
Integrity of Configuration Registers section).
The ±1 LSB error may appear because CLKIN, the internal
clock of the ADE7912/ADE7913, is asynchronous to the serial
port clock generated by the microcontroller and is used to write
the COUNTER1 and COUNTER0 values during ADC Cycle 2.
The EMI reduction scheme managed by the EMI_CTRL regis-
ter (see the DC-to-DC Converter section for details) requires
that the ADE7912/ADE7913 devices of the meter system
provide coherent samples. This EMI reduction scheme ensures
that one ADE7912/ADE7913 device does not generate the
PWM signals required to manage the dc-to-dc converter at the
same moment as another ADE7912/ADE7913. The ±1 LSB
error in the counter synchronization means that at least two
ADE7912/ ADE7913 devices generate PWM signals
simultaneously for one CLKIN cycle and the EMI reduction
scheme may be affected. Although there are no guarantees, both
synchronization procedures outlined in this section can be
repeated until CC = CA = CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com