Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 6Page - Analog Devices ADE7912 Datasheet HTML 7Page - Analog Devices ADE7912 Datasheet HTML 8Page - Analog Devices ADE7912 Datasheet HTML 9Page - Analog Devices ADE7912 Datasheet HTML 10Page - Analog Devices ADE7912 Datasheet HTML 11Page - Analog Devices ADE7912 Datasheet HTML 12Page - Analog Devices ADE7912 Datasheet HTML 13Page - Analog Devices ADE7912 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 10 of 44
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +3.7 V
Analog Input Voltage to GNDISO, IP, IM,
V1P, V2P, VM
−2 V to +2 V
Reference Input Voltage to GNDISO
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Common-Mode Transients1
-100 kV/µs to +100
kV/µs
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)2
260°C
1
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-
up or permanent damage.
2
Analog Devices recommends that reflow profiles used in soldering RoHS
compliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for
the latest revision of this standard.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA and θJC are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead SOIC_IC
48.0
6.2
°C/W
ESD CAUTION
Table 8. Maximum Continuous Working Voltage Supporting a 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable Certification
AC Voltage, Bipolar Waveform
564
V peak
All certifications, 50-year operation
DC Voltage, Basic Insulation
600
V peak
1
Refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com