Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 24Page - Analog Devices ADE7912 Datasheet HTML 25Page - Analog Devices ADE7912 Datasheet HTML 26Page - Analog Devices ADE7912 Datasheet HTML 27Page - Analog Devices ADE7912 Datasheet HTML 28Page - Analog Devices ADE7912 Datasheet HTML 29Page - Analog Devices ADE7912 Datasheet HTML 30Page - Analog Devices ADE7912 Datasheet HTML 31Page - Analog Devices ADE7912 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 28 of 44
functionality enabled by default. In Figure 35, Figure 37, and
Figure 38, the ADE7912/ADE7913 device on Phase A is clocked
from the crystal, and the CLKOUT/DREADY pin generates
the DREADY signal. The other ADE7912/ADE7913 devices are
clocked by the DREADY signal because the CLKOUT signal has
not yet been received by their XTAL1 pins. The microcontroller
enables CLKOUT functionality when Bit 0 (CLKOUT_EN) is
set to 1 in the CONFIG register. This operation ensures that the
other ADE7912/ ADE7913 devices in the system receive the same
clock as the ADE7912/ADE7913 on Phase A and that all ADCs
within all ADE7912/ADE7913 devices in the system sample
data at the same exact moment.
As an alternative to using one crystal, the microcontroller can
generate a clock signal to the XTAL1 pins of every ADE7912/
ADE7913, ensuring precise ADC sampling synchronization (see
Figure 36).
To configure all ADE7912/ADE7913 devices in an energy meter
to provide coherent ADC output samples, that is, samples
obtained in the same output cycle, all ADE7912/ADE7913
devices must have the same ADC output frequency and the
outputs must be synchronized. Bits[5:4] (ADC_FREQ) in the
CONFIG register select the ADC output frequency; therefore,
they must be initialized to the same value (see the ADC Output
Values section for more details).
To synchronize the ADC outputs, that is, to set all
ADE7912/ADE7913 devices to generate ADC outputs at the
same exact moment, after power-up, the microcontroller must
broadcast a write to the 8-bit SYNC_SNAP register with the
value 0x01. All ADE7912/ADE7913 devices then start a new
ADC output period simultaneously when Bit 0 (sync) of the
SYNC_SNAP register is written. The sync bit clears itself to 0
after one CLKIN cycle.
As shown in Figure 35, Figure 37, and Figure 38, the
CLKOUT/ DREADY pin of one ADE7912/ADE7913 is
connected to an I/O input of the microcontroller. This
ADE7912/ADE7913 device has Bit 0 (CLKOUT_EN) in the
CONFIG register set to the default value, 0, to enable
the DREADY functionality. When the ADC output period
starts, the CLKOUT/DREADY pin goes low for 64 CLKIN cycles
(15.625 µs when CLKIN = 4.096 MHz), signaling that all ADC
outputs from all ADE7912/ADE7913 devices are available and
the microcontroller must start reading them. It is recommended
that the SPI read in burst mode be used to ensure that all data is
read in the shortest amount of time.
The ADE7912/ADE7913 contain an internal 12-bit counter that
functions at the CLKIN frequency. The counter is synchronized
with the ADC output period and the CLKOUT/DREADY pin.
When a new output period starts, the counter starts decreasing
from a value determined by Bits[5:4] (ADC_FREQ) in the
CONFIG register. Table 12 shows these values.
Table 12. Counter Initial Values as a Function of
ADC_FREQ Bits
Bits[5:4]
(ADC_FREQ)
in CONFIG
Register
ADC
Output
Frequency
(kHz)
Counter C0
Initial Value
(CLKIN =
4.096 MHz)
Counter C0
Initial Value as
a Function of
CLKIN
00
8
511
1
8000
CLKIN
01
4
1023
1
4000
CLKIN
10
2
2047
1
2000
CLKIN
11
1
4095
1
1000
CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com