Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 3Page - Analog Devices ADE7912 Datasheet HTML 4Page - Analog Devices ADE7912 Datasheet HTML 5Page - Analog Devices ADE7912 Datasheet HTML 6Page - Analog Devices ADE7912 Datasheet HTML 7Page - Analog Devices ADE7912 Datasheet HTML 8Page - Analog Devices ADE7912 Datasheet HTML 9Page - Analog Devices ADE7912 Datasheet HTML 10Page - Analog Devices ADE7912 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 7 of 44
REGULATORY APPROVALS (PENDING)
The ADE7912/ADE7913 are pending approval by the organizations listed in Table 2. Refer to Table 8 and the Insulation Lifetime section
for more information about the recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 2. Regulatory Approvals
UL
CSA
VDE
Recognized Under UL 1577
Component Recognition Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to DIN VDE V 0884-102
(VDE V 0884-10):2006-12
Single Protection, 5000 V rms Isolation
Voltage
Basic insulation per IEC 61010-1, 400 V rms (564 V
peak) maximum working voltage
Reinforced insulation, 846 V peak
1
In accordance with UL 1577, each ADE7912/ADE7913 is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (current leakage detection limit
= 10 µA).
2
In accordance with DIN V VDE V 0884-10, each ADE7912/ADE7913 is proof tested by applying an insulation test voltage ≥ 1590 V peak for 1 second (partial discharge
detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN VDE V 0884-10 (VDE V 0884-10):2006-12 approval.
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 3. Critical Safety Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(l01)
8.3
mm
Distance measured from input terminals to output
terminals, shortest distance through air along the
PCB mounting plane, as an aid to PCB layout
Minimum External Tracking (Creepage)
L(l02)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>600
V
IEC 60112
Isolation Group
II
Material group (DIN VDE 0110, 1/89, Table 1)
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
The ADE7912/ADE7913 are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is
ensured by the protective circuits.
Table 4. VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
846
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test, tini =
tm = 1 sec, partial discharge < 5 pC
Vpd(m)
1592
V peak
Input-to-Output Test Voltage, Method A
Vpd(m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1273
V peak
After Input and/or Safety Tests Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
VIOTM
6000
V peak
Surge Isolation Voltage
VPEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
6000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 4)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.78
W
Insulation Resistance at TS
VIO = 500 V
RS
>109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com