Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 3 Page - Texas Instruments

  CSD87384M Datasheet HTML 1Page - Texas Instruments CSD87384M Datasheet HTML 2Page - Texas Instruments CSD87384M Datasheet HTML 3Page - Texas Instruments CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CSD87384M
www.ti.com
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction to ambient thermal resistance (Min Cu) (1)
153
RθJA
Junction to ambient thermal resistance (Max Cu) (2)(1)
67
°C/W
Junction to case thermal resistance (Top of package) (1)
3.0
RθJC
Junction to case thermal resistance (PGND Pin)
(1)
1.25
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2 oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2) Cu.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com