Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments CSD87384M Datasheet HTML 12Page - Texas Instruments CSD87384M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1
10
100
0.01
0.1
1
t(AV) - Time in Avalanche (ms)
TC = 25°C
TC = 125°C
G001
1
10
100
0.01
0.1
1
t(AV) - Time in Avalanche (ms)
TC = 25°C
TC = 125°C
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID =25A
VGS = 8V
G001
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 25A
VGS = 8V
G001
CSD87384M
www.ti.com
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 21. Control MOSFET Normalized RDS(on)
Figure 22. Sync MOSFET Normalized RDS(on)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 23. Control MOSFET Body Diode
Figure 24. Sync MOSFET Body Diode
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 25. Control MOSFET Unclamped Inductive Switching
Figure 26. Sync MOSFET Unclamped Inductive Switching
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com