Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments CSD87384M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage (V)
TC = 25°C
TC = 125ºC
ID = 25A
G001
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage (V)
TC = 25°C
TC = 125ºC
ID = 25A
G001
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250µA
G001
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250µA
G001
1
10
100
1000
10000
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
1
10
100
1000
10000
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD87384M
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
www.ti.com
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 15. Control MOSFET Capacitance
Figure 16. Sync MOSFET Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 17. Control MOSFET VGS(th)
Figure 18. Sync MOSFET VGS(th)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 19. Control MOSFET RDS(on) vs VGS
Figure 20. Sync MOSFET RDS(on) vs VGS
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com