Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 5 Page - Texas Instruments

  CSD87384M Datasheet HTML 1Page - Texas Instruments CSD87384M Datasheet HTML 2Page - Texas Instruments CSD87384M Datasheet HTML 3Page - Texas Instruments CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
G001
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
140
Board Temperature (ºC)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.29µH
G001
0
1
2
3
4
5
6
7
8
1
4
7
10
13
16
19
22
25
28 30
Output Current (A)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.29µH
G001
0.5
0.6
0.7
0.8
0.9
1
1.1
−50
−25
0
25
50
75
100
125
150
Junction Temperature (ºC)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.29µH
G001
CSD87384M
www.ti.com
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
Typical Power Block Device Characteristics
TJ = 125°C, unless stated otherwise.
Figure 1. Power Loss vs Output Current
Figure 2. Normalized Power Loss vs Temperature
Figure 3. Safe Operating Area – PCB Horizontal Mount (1)
Figure 4. Typical Safe Operating Area(1)
(1)
The Typical Power Block System Characteristic curves are based on measurements made on a PCB design with
dimensions of 4.0 inches (W) × 3.5 inches (L) x 0.062 inch (H) and 6 copper layers of 1-oz. copper thickness. See
Application Section for detailed explanation.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com