Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 14 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments CSD87384M Datasheet HTML 12Page - Texas Instruments CSD87384M Datasheet HTML 13Page - Texas Instruments CSD87384M Datasheet HTML 14Page - Texas Instruments CSD87384M Datasheet HTML 15Page - Texas Instruments CSD87384M Datasheet HTML 16Page - Texas Instruments CSD87384M Datasheet HTML 17Page - Texas Instruments CSD87384M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1.750 REF PKG
1.750 REF PKG
PACKAGE
OUTLINE
0.000
0.327
0.947
0.935
1.161
1.163
0.937
0.955
0.517
0.317
0.955
1.356
1.356
Solder Mask
Opening
0.000
0.588
0.888
1.208
1.208
1.208
1.750
0.588
0.888
1.208
1.750 REF PKG
1.750 REF PKG
PACKAGE
OUTLINE
1
2
3
4
5
CSD87384M
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
www.ti.com
Land Pattern Recommendation
Text For Spacing
Stencil Recommendation (100 µm)
Text For Spacing .
Text For Spacing
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com