Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 3Page - Texas Instruments CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
Qg - Gate Charge (nC)
ID = 25A
VDS = 15V
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
60
65
Qg - Gate Charge (nC)
ID = 25A
VDS =15V
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
0.0001
0.001
0.01
0.1
1
10
100
200
0
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
VDS - Drain-to-Source Voltage (V)
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.1
0.2
0.3
0.4
0.5
0.6
VDS - Drain-to-Source Voltage (V)
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
G001
CSD87384M
www.ti.com
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 9. Control MOSFET Saturation
Figure 10. Sync MOSFET Saturation
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 11. Control MOSFET Transfer
Figure 12. Sync MOSFET Transfer
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 13. Control MOSFET Gate Charge
Figure 14. Sync MOSFET Gate Charge
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com