Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 1 Page - Texas Instruments

  CSD87384M Datasheet HTML 1Page - Texas Instruments CSD87384M Datasheet HTML 2Page - Texas Instruments CSD87384M Datasheet HTML 3Page - Texas Instruments CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
0
3
6
9
12
15
18
21
24
27
30
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 0.29µH
fSW = 500kHz
TA = 25ºC
G001
VDD
GND
ENABLE
PWM
BOOT
DRVH
LL
DRVL
V
DD
ENABLE
PWM
V
IN
V
IN
V
SW
P
GND
V
OUT
Driver IC
CSD87384M
TG
BG
1
TG
BG
V
IN
P
GND
V
SW
CSD87384M
www.ti.com
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
CSD87384M Synchronous Buck NexFET™ Power Block II
1
FEATURES
DESCRIPTION
The CSD87384M NexFET™ Power Block II is a
2
•
Half-Bridge Power Block
highly
optimized
design
for
synchronous
buck
•
90.5% System Efficiency at 25 A
applications offering high current and high efficiency
•
Up to 30 A Operation
capability in a small 5.0-mm × 3.5-mm outline.
Optimized for 5 V gate drive applications, this product
•
High Density – 5-mm x 3.5-mm LGA Footprint
offers an efficient and flexible solution capable of
•
Double Side Cooling Capability
providing a high density power supply when paired
•
Ultra-Low Profile – 0.48-mm MAX
with any 5 V gate drive from an external controller or
driver.
•
Optimized for 5 V Gate Drive
•
Low Switching Losses
TEXT ADDED FOR SPACING
•
Ultra-Low Inductance Package
Ordering Information
Device
Media
Qty
Package
Ship
•
RoHS Compliant
CSD87384M
13-Inch Reel
2500
Tape and
•
Halogen Free
5 × 2.5 LGA
Reel
CSD87384MT
7-Inch Reel
250
•
Pb-Free Terminal Plating
TEXT ADDED FOR SPACING
APPLICATIONS
•
Synchronous Buck Converters
–
High Frequency Applications
–
High Current, Low Duty Cycle Applications
•
Multiphase Synchronous Buck Converters
•
POL DC-DC Converters
TEXT ADDED FOR SPACING
Typical Circuit
Typical Power Block Efficiency and Power Loss
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD87384M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
CSD87384M Synchronous Buck NexFET Power Block II
CSD87384M TI-CSD87384M Datasheet
972Kb / 23P
CSD87384M Synchronous Buck NexFET??Power Block II
CSD87384M TI2-CSD87384M Datasheet
569Kb / 22P
CSD87384M Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87384M.B TI2-CSD87384M.B Datasheet
569Kb / 22P
CSD87384M Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87384MT TI-CSD87384MT Datasheet
972Kb / 23P
CSD87384M Synchronous Buck NexFET??Power Block II
More results

Similar Description - CSD87384M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
CSD87384M Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P_15 Datasheet
998Kb / 25P
CSD87381P Synchronous Buck NexFET??Power Block II
CSD87384M TI-CSD87384M_15 Datasheet
972Kb / 23P
CSD87384M Synchronous Buck NexFET??Power Block II
CSD87588N TI-CSD87588N_15 Datasheet
1Mb / 23P
CSD87588N Synchronous Buck NexFET Power Block II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com