Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2452DD Datasheet HTML 1Page - Monolithic Power Systems MP2452DD Datasheet HTML 2Page - Monolithic Power Systems MP2452DD Datasheet HTML 3Page - Monolithic Power Systems MP2452DD Datasheet HTML 4Page - Monolithic Power Systems MP2452DD Datasheet HTML 5Page - Monolithic Power Systems MP2452DD Datasheet HTML 6Page - Monolithic Power Systems MP2452DD Datasheet HTML 7Page - Monolithic Power Systems MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
3
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TA= 25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
4.0V < VIN < 36V
0.778
0.794
0.810
V
Feedback Voltage
3.3V < VIN < 4.0V
0.770
0.794
0.818
V
Upper Switch On Resistance VBST-VSW=5V
500
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
0.1
1
µA
Current Limit
1.2
1.5
A
VIN UVLO Up Threshold
2.7
3.0
3.2
V
VIN UVLO Hysteresis
0.4
V
Soft-start time
FB from 0 to 0.794V
0.5
ms
Oscillator Frequency
800
1000
1200
kHz
Minimum Switch On Time
100
ns
Shutdown Supply Current
VEN = 0V
3
15
µA
No load, Not switching, VFB=0.9
130
µA
Average Quiescent Supply
Current
No load, Switching
220
µA
Thermal Shutdown
150
°C
Enable Up Threshold
1.2
1.5
1.8
V
Enable Threshold Hysteresis
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com