Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems MP2452DD Datasheet HTML 10Page - Monolithic Power Systems MP2452DD Datasheet HTML 11Page - Monolithic Power Systems MP2452DD Datasheet HTML 12Page - Monolithic Power Systems MP2452DD Datasheet HTML 13Page - Monolithic Power Systems MP2452DD Datasheet HTML 14Page - Monolithic Power Systems MP2452DD Datasheet HTML 15Page - Monolithic Power Systems MP2452DD Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
14
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2452
SW
VIN
EN
FB
GND
BST
NC
NC
2
1
4
3
8
7
6
5
C1
C3
39.2
10pF
C4
L1
4.7uH
100nF
D1
V
6-24V
IN
VOUT
3.3V
Control
Figure 3—3.3V Output Typical Application Schematic
MP2452
SW
VIN
EN
FB
GND
BST
NC
NC
2
1
8
4
3
7
6
5
C1
C3
C4
L1
100nF
D1
V
18-36V
10pF
IN
VOUT
12V
Control
Figure 4—12V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com