Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2452DD Datasheet HTML 5Page - Monolithic Power Systems MP2452DD Datasheet HTML 6Page - Monolithic Power Systems MP2452DD Datasheet HTML 7Page - Monolithic Power Systems MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems MP2452DD Datasheet HTML 10Page - Monolithic Power Systems MP2452DD Datasheet HTML 11Page - Monolithic Power Systems MP2452DD Datasheet HTML 12Page - Monolithic Power Systems MP2452DD Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
9
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The MP2452 is a 1MHz, non-synchronous, step-
down switching regulator with integrated internal
high-side high voltage power MOSFET. It
provides internally compensated single 1A output
with current mode control. It features wide input
voltage range, internal soft-start control, and
precision current limit. Its very low operational
quiescent current suits it for battery powered
applications.
PWM Control
At moderate to high output current, the MP2452
operates in a fixed frequency, peak current
control mode to regulate the output voltage. A
PWM cycle is initiated by the internal clock. The
power MOSFET is turned on and remains on
until its current reaches the value set by COMP
voltage. When the power switch is off, it remains
off for at least 100ns before the next cycle starts
If, in one PWM period, the current in the power
MOSFET does not reach COMP set current
value, the power MOSFET remains on, saving a
turn-off operation.
Pulse Skipping Mode
At light load condition, the MP2452 goes into
pulse skipping mode to improve light load
efficiency. Pulse skipping decision is based on its
internal COMP voltage. If COMP is lower than
the internal sleep threshold, a PAUSE command
is generated to block the turn-on clock pulse so
the power MOSFET is not commanded ON
subsequently, saving gate driving and switching
losses. This PAUSE command also puts the
whole chip into sleep mode, consuming very low
quiescent current to further improve the light load
efficiency.
When COMP voltage is higher than the sleep
threshold, the PAUSE signal is reset so the chip
is back into normal PWM operation. Every time
when the PAUSE changes states from low to
high, a turn-on signal is generated right away,
turning on the power MOSFET.
Error Amplifier
The Error amplifier is composed of an internal
OP-AMP
with
an
R-C
feedback
network
connected between its output node (internal
COMP node) and its negative input node (FB).
When FB is lower than its internal reference
voltage (REF), the COMP output is then driven
higher by the OP-AMP, causing higher switch
peak current output hence more energy delivered
to the output. Vise versus.
When connecting to the FB pin, normally there is
a voltage divider composed of R1 and R2 where
R2 is between FB and GND while R1 is between
the voltage output node and FB. R1 serves also
to control the gain of the error amplifier along
with the internal compensation R-C network.
Internal Regulator
Most of the internal circuitries are powered on by
the 2.6V internal regulator. This regulator takes
VIN input and operates in the full VIN range.
When VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN is lower,
the output degrades.
Enable Control
The MP2452 has a dedicated enable control pin
EN. When VIN>UVLO, the chip can be enabled
and disabled by EN pin. This is a HIGH effective
logic. Its trailing threshold is a consistent 1.2V. Its
rising threshold is about 300mV higher. When
floating, EN pin is internally pulled down to GND
so the chip is disabled.
When EN is pulled down to 0V, the chip is put
into the lowest shutdown current mode. When
EN is higher than zero but lower than its rising
threshold, the chip is still in shutdown mode but
the shutdown current increases slightly.
Under Voltage Lockout (UVLO)
VIN
Under
voltage
lockout
(UVLO)
is
implemented to protect the chip from operating at
insufficient supply voltage. The UVLO rising
threshold is about 3.0V while its trailing threshold
is a consistent 2.6V.
Internal Soft-start
Reference type soft-start is implemented to
prevent the converter output voltage from
overshooting during startup. When the chip starts,
the internal circuitry generates a soft-start voltage
(SS) ramping up from 0V at a slow pace set by
the soft-start time. When it is lower than the
internal reference REF, SS overrides the REF so
the error amplifier uses SS instead of REF as the
reference. When SS is higher than REF, REF
gains the control back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com