Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2452DD Datasheet HTML 7Page - Monolithic Power Systems MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems MP2452DD Datasheet HTML 10Page - Monolithic Power Systems MP2452DD Datasheet HTML 11Page - Monolithic Power Systems MP2452DD Datasheet HTML 12Page - Monolithic Power Systems MP2452DD Datasheet HTML 13Page - Monolithic Power Systems MP2452DD Datasheet HTML 14Page - Monolithic Power Systems MP2452DD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
11
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB pin.
The voltage divider divides the output voltage
down to the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
)
2
R
1
R
(
V
V
FB
OUT
+
=
The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor.
Choose R1 around 124kΩ for optimal transient
response. R2 is then given by:
1
0.794V
V
R1
R2
OUT
−
=
Table 1―Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
0.8V
124kΩ (1%)
NS
1.2V
124kΩ (1%)
243kΩ (1%)
3.3V
124kΩ (1%)
39.2kΩ (1%)
5V
124kΩ (1%)
23.7kΩ (1%)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current.
Generally, a good rule for determining the
inductance to use is to allow the peak-to-peak
ripple
current
in
the
inductor
to
be
approximately 30% of the maximum load
current. Also, make sure that the peak inductor
current is below the maximum switch current
limit. The inductance value can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
L
S
OUT
V
V
1
∆I
f
V
1
L
Where VOUT is the output voltage, VIN is the
input voltage, fS is the switching frequency, and
∆IL is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 2 lists a number of suitable inductors
from various manufacturers. The choice of
which style inductor to use mainly depends on
the price vs. size requirements and any EMI
requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com