Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2452DD Datasheet HTML 1Page - Monolithic Power Systems MP2452DD Datasheet HTML 2Page - Monolithic Power Systems MP2452DD Datasheet HTML 3Page - Monolithic Power Systems MP2452DD Datasheet HTML 4Page - Monolithic Power Systems MP2452DD Datasheet HTML 5Page - Monolithic Power Systems MP2452DD Datasheet HTML 6Page - Monolithic Power Systems MP2452DD Datasheet HTML 7Page - Monolithic Power Systems MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2452
1A, 36V, 1MHz
Step-Down Converter
MP2452 Rev. 1.0
www.MonolithicPower.com
1
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2452 is a high frequency (1MHz) step-
down
switching
regulator
with
integrated
internal high-side high voltage power MOSFET.
It provides up to 1A highly efficient output
current with current mode control for fast loop
response.
The wide 3.3V to 36V input range accommodates
a variety of step-down applications in automotive
input environment. A 3µA shutdown mode
quiescent current allows use in battery-powered
applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
Frequency fold-back helps prevent inductor current
runaway during start-up. Thermal shutdown
provides reliable, fault-tolerant operation.
The MP2452 is available in the 2mm x 3mm QFN8
package.
FEATURES
• 1A Continuous Load Current
• 130 µA Operating Quiescent Current
• Wide 3.3V to 36V Operating Input Range
• 500 mΩ Internal Power MOSFET
• 1MHz fixed Switching Frequency
• Internally compensated
• Stable with Ceramic Output Capacitors
• Internal Soft-Start
• > 90% Efficiency
• +0.794V FB Reference Voltage
• Output Adjustable from +0.794V to 33V
• 3µA Low Shutdown Supply Current
• 2mm x 3mm QFN8 Package
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc..
TYPICAL APPLICATION
MP2452
SW
VIN
EN
FB
GND
BST
NC
NC
2
18
6
4
3
7
5
C1
C3
10pF
C4
L1
6.8uH
100nF
D1
VIN
VOUT
5V/1A
Control
o
o
o
Efficiency
VOUT=5V
OUTPUT CURRENT(mA)
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
VIN=8V
VIN=24V
VIN=36V
VIN=12V


Similar Part No. - MP2452DD

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2451 MPS-MP2451 Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DJ MPS-MP2451DJ Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DT MPS-MP2451DT Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
More results

Similar Description - MP2452DD

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
1MHz 1A Step-Down DC/DC Converter
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
1MHz Step-Down Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
1MHz 1A Step-Down DC/DC Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
1MHz Step-Down Converter
logo
Monolithic Power System...
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
logo
Richtek Technology Corp...
RTQ2131B-QA RICHTEK-RTQ2131B-QA Datasheet
427Kb / 28P
1A, 36V, 2.1MHz Synchronous Step-Down Converter
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com