Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems MP2452DD Datasheet HTML 10Page - Monolithic Power Systems MP2452DD Datasheet HTML 11Page - Monolithic Power Systems MP2452DD Datasheet HTML 12Page - Monolithic Power Systems MP2452DD Datasheet HTML 13Page - Monolithic Power Systems MP2452DD Datasheet HTML 14Page - Monolithic Power Systems MP2452DD Datasheet HTML 15Page - Monolithic Power Systems MP2452DD Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
13
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Compensation Components
The goal of compensation design is to shape the
converter transfer function to get a desired loop
gain. Lower crossover frequencies result in
slower line and load transient responses, while
higher crossover frequencies could cause system
unstable. A good rule of thumb is to set the
crossover frequency to approximately one-tenth
of the switching frequency. If an electrolytic
capacitor is used, the loop bandwidth is no higher
than 1/4 of the ESR zero frequency (fESR). fESR is
given by:
ESR
ESR
R
2
C
2
1
f
×
×
π
=
The Table 3 lists the typical values of
compensation components for some standard
output voltages with various output capacitors
(ceramic) and inductors. The values of the
compensation components have been optimized
for fast transient responses and good stability at
given conditions.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
(V)
L (µH)
C2
(µF)
R2
(kΩ)
C3
(pF)
1.2
3.3
10
243
6.8
2.5
4.7
10
57.6
6.8
3.3
4.7
10
39.2
10
5
6.8
10
23.7
10
12
10~15
10
8.87
10
Note:
With the compensation, the control loop has the
bandwidth at about 1/10 switching frequency and
the phase margin higher than 45 degree.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator. In below cases, an
external BST diode is recommended from the 5V
to BST pin:
There is a 5V rail available in the system;
VIN is no greater than 5V;
VOUT is between 3.3V and 5V;
This diode is also recommended for high duty
cycle operation (when VOUT / VIN > 65%)
applications.
The bootstrap diode can be a low cost one such
as IN4148 or BAT54.
MP2452
BS
SW
5V
0.1uF
Figure 2—External Bootstrap Diode
At no load or light load, the converter may
operate in pulse skipping mode in order to
maintain the output voltage in regulation. Thus
there is less time to refresh the BS voltage. In
order to have enough gate voltage under such
operating conditions, the difference of VIN –VOUT
should be greater than 3V. For example, if the
VOUT is set to 3.3V, the VIN needs to be higher
than 3.3V+3V=6.3V to maintain enough BS
voltage at no load or light load. To meet this
requirement, EN pin can be used to program the
input UVLO voltage to Vout+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com