Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452DD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2452DD
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452DD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2452DD Datasheet HTML 1Page - Monolithic Power Systems MP2452DD Datasheet HTML 2Page - Monolithic Power Systems MP2452DD Datasheet HTML 3Page - Monolithic Power Systems MP2452DD Datasheet HTML 4Page - Monolithic Power Systems MP2452DD Datasheet HTML 5Page - Monolithic Power Systems MP2452DD Datasheet HTML 6Page - Monolithic Power Systems MP2452DD Datasheet HTML 7Page - Monolithic Power Systems MP2452DD Datasheet HTML 8Page - Monolithic Power Systems MP2452DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
4
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
2
BST
Bootstrap. This is the positive power supply for the internal floating high side MOSFET
driver. Connect a bypass capacitor between this pin and SW pin.
6
GND,
EXPOSED
PAD
Ground. Connected GND as close as possible to the output capacitor avoiding the
high current switch paths. Connect exposed pad to GND plane
7
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal +0.794V reference
to set the regulation voltage.
5
EN
Enable input. Pulling this pin below the specified threshold shuts the chip down. Pulling
it above the specified threshold enables the chip. Floating this pin shuts the chip down.
4
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS regulators
and the high side switch. Connect a decoupling capacitor to ground close to this pin as
possible to reduce switching spikes.
3
SW
Switch node. This is the output from the high-side switch. Connect a low VF Schottky
diode to ground close to this pin as possible to reduce switching spikes.
1, 8
N/C
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com