Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4653 Datasheet HTML 1Page - Monolithic Power Systems MP4653 Datasheet HTML 2Page - Monolithic Power Systems MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
4
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Gate driver GL, GR
Gate Pull-Down
RGD
Igate = 20mA
2
Ω
Gate Pull-Up
RGU
Igate = 20mA
7.5
Ω
Output Source Current
ISOURCE
With 1nF load
1
[5]
A
Output Sink Current
ISINK
With 1nF load
2
[5]
A
Dead time
tdead
600
750
900
ns
Gate Driver Supply Voltage (VCC)
IVCC=0mA
9
9.4
9.8
V
Voltage
VVCC
IVCC=30mA
8.8
9.3
V
Current
IVCC
20
50
mA
Vin UVLO threshold
VTH_UVLO_VIN
VCC rising
4.2
4.35
4.5
V
VCC UVLO Hysteresis
VTH_VIN_HYST
240
mV
Brightness Dimming Control Range
Analog Dimming Full Scale
VA-dim
Analog dimming
1.13
1.18
1.23
V
PWM Logic Input Threshold
VTH-PWM
PWM dimming
1.6
1.9
2.2
V
PWM Logic Input Hysteresis
VTH-PWM-Hyst
PWM dimming
0.5
V
Supply Current
Supply Current
IIN
No driver output
1.6
2.5
mA
Operating Frequency
Minimum Frequency Set Voltage
VFSET
0.95
1
1.05
V
SS pin voltage
Vss
At normal operation
1.45
1.49
1.53
V
Minimum operating frequency
Fmin_op
RFSET=RSS_FSET=40kΩ,
IFB=0.1V(ICOMP=2.2V),
PWMIN=high
35.6
38.6
41.6
kHz
Maximum Operating Frequency
Fmax_op
RFSET=RSS_FSET=40kΩ,,
IFB=0.21V(ICOMP=1V),
PWMIN=high
2.2
2.5
2.8
Fmin
Output PWM Dimming Signal for LED (PWMOUT)
Logic High Voltage
VH-PWMOUT
Normal Operation
9V
9.4
9.8
V
Logic Low Voltage
VL-PWMOUT
At Fault Condition,
or PWMIN=0
0.3
V
Output PWM Source Current
ISOURCE_PWMOUT 100pF on PWMOUT pin
5
mA
Output PWM Sink Current
ISINK_PWMOUT
100pF on PWMOUT pin
100
mA
LED Current Feedback (IFB)
Magnitude
|VIFB|
0.192
0.2
0.208
V
LED
Short
Threshold
for
Immediate action
VIFBS
540
600
660
mV
LED short detection blanking time
Tblank
100
140
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com