Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 13Page - Monolithic Power Systems MP4653 Datasheet HTML 14Page - Monolithic Power Systems MP4653 Datasheet HTML 15Page - Monolithic Power Systems MP4653 Datasheet HTML 16Page - Monolithic Power Systems MP4653 Datasheet HTML 17Page - Monolithic Power Systems MP4653 Datasheet HTML 18Page - Monolithic Power Systems MP4653 Datasheet HTML 19Page - Monolithic Power Systems MP4653 Datasheet HTML 20Page - Monolithic Power Systems MP4653 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
17
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
of the voltage-loop error amplifier is pulled low
at PWM on interval.
MP4653 also integrates burst mode for the
voltage regulation. When VFB voltage is higher
than 1.1 times of the reference voltage and the
VCOMP voltage is sufficiently low (which
means a highest operating frequency), the IC
skips some switching cycles until VFB voltage
decreases sufficiently.
The operating frequency is controlled by the
larger one of the outputs of the current-loop
error amplifier and the voltage-loop error
amplifier. A high compensation output voltage
gets a low operating frequency.
Dimming Control
The MP4653 provides two dimming methods:
PWM Dimming Mode and Analog Dimming
Mode. Applying a digital PWM signal on the
PWMIN pin allows the PWM dimming. The
brightness of the LED string is proportional to
the duty cycle of the external PWM signal. A
driving signal on PWMOUT pin is output to
directly drive the dimming MOSFET, which
helps to achieve fast and high contrast ratio
PWM dimming.
MP4653 achieves 500:1 PWM dimming ratio
(0.2% minimum PWM dimming duty) at 200Hz
PWM dimming frequency. The PWM dimming
ratio may decrease with a higher PWM dimming
frequency.
A DC analog signal from 0V to 1.18V on A-Dim
pin dims the LED current amplitude from 0 to
100%.
For PWM and analog dimming control, apply
the PWM dimming signal on PWMIN pin and
apply the analog dimming signal on A-dim pin.
Bus Voltage Stage Protection
The MP4653 features rich and smart protection
to increase system reliability. It protects the
fault condition at both the DC bus voltage stage
and the LED driver stage.
The protection for the DC bus voltage stage
includes the over voltage protection and over
current protection (short protection).
The VFB pin senses the bus stage voltage for
voltage regulation and also for over voltage
protection. When the VFB pin voltage gets
higher than 2.4V for 2us, IC triggers the Bus
Voltage Stage Protection.
The secondary side current of bus voltage
stage is sensed on VOCP pin. When VOCP
voltage gets lower than -100mV, IC triggers the
Bus Voltage Stage Protection.
At Bus Voltage Stage Protection, the whole
gate driving signals are disabled and no power
is delivered to the output, including both the DC
bus voltage stage and the LED driver stage.
The current loop compensation node ICOMP
pin and the soft start SS pin are pulled low. The
hiccup timer for the bus voltage stage starts.
The voltage-loop compensation node VCOMP
pin is disconnected from the internal amplifier
and holds its value until the fault condition
disappears. A 2μA current source charges the
VCOMP pin capacitor till VCOMP voltage hits
3V, and then a 2μA current source discharges
VCOMP pin until 0.45V and then the system
recovers.
LED Driver Stage Protection
The fault protection for the LED driver stage
includes the open LED protection, short LED
protection, over LED current protection and any
point of LED string short to ground protection.
The voltage of the LED strings are sensed on
VLED1~VLED4 pins. The maximum value of
VLED1~VLED4 and their voltage difference are
used for protection. When the maximum value
of VLED1~VLED4 gets higher than 2.4V or their
voltage difference get larger than 150mV (this
value can be adjusted by the external input
resistance on VLED# pins), IC triggers the LED
Driver Stage Protection.
The LED current feedback IFB is also used for
over LED current protection. When IFB voltage
gets higher than 300mV for 200us or when IFB
voltage gets higher than 600mV, IC triggers the
LED Driver Stage Protection.
The secondary side current of the LED driver
stage is sensed on SSD pin. When SSD pin
voltage gets lower than -200mV for 2us, IC
triggers the LED Driver Stage Protection.
At the LED Driver Stage Protection, the driving
signal for the dimming MOSFET is disabled to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com