Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4653 Datasheet HTML 1Page - Monolithic Power Systems MP4653 Datasheet HTML 2Page - Monolithic Power Systems MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP4653
Real LIPS CC/CV Mode
LLC TV LED Driver
MP4653 Rev 1.01
www.MonolithicPower.com
1
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4653 is a CC/CV mode LLC TV LED
driver for LED backlighting, especially for large
size TV LED backlighting. Powered by 9V to
30V input supplies, the MP4653 outputs two
180 degree phase shifted driving signals for the
external power stages. Its enhanced 9V gate
driver provides adequate driving capability and
can directly drive the external MOSFETs
through an external gate driving transformer.
The MP4653 integrates a constant current
control loop for the LED current regulation and
also a constant voltage control loop for the DC
bus voltage, which is used to generate system
power supplies like 12V/5V with other DC/DC
converters. The CC/CV control loop programs
the operating frequency of the LLC power stage
and thus regulates the LED current and also the
bus voltage.
The MP4653 incorporates both analog dimming
and PWM dimming to the LED current. A
driving signal is output to directly drive the
dimming MOSFET, which helps to achieve fast
and high contrast ratio PWM dimming.
The PWM dimming signal is also used for the
CC/CV mode control. At PWM on interval, the
CC mode is effective and the LED current is
regulated; at PWM off interval, the CV mode is
effective and the DC bus voltage is regulated.
The gate driving signal and thus the energy
through the power stage are continuous at both
the PWM on interval and the PWM off interval.
This helps to eliminate the system audible noise
at PWM dimming.
The MP4653 features sufficient and smart
protection to increase system reliability. It
protects the fault condition at both the DC bus
stage and the LED driver stage.
The protection for the DC bus stage includes
the over voltage protection and over current
protection (short protection).
The protection for the LED driver stage includes
the open LED protection, short LED protection,
over LED current protection and any point of
LED string short to ground protection.
Thermal protection is integrated in MP4653.
The MP4653 is available in SOIC20 package.
FEATURES
 Secondary Side “Real LIPS” LLC Controller
 CC/CV Frequency Control Loop
 Audible Noise Elimination
 Continuous driving signal at PWM dimming
and LED fault condition
 9V to 30V Input Voltage Range
 Analog and PWM Dimming
 Input Under Voltage Lockout
 DC Bus Output Over Voltage Protection
 DC Bus Short Protection
 System Auto-recovery and Hiccup Timer
 LED Open, Short Protection
 LED Output Over Voltage, Over LED
Current Protection
 Any Point of LED String Short to GND
Protection
 Available in SOIC 20 Package
APPLICATIONS
 LCD TVs and Monitors
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 Street Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4653

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4651ES MPS-MP4651ES Datasheet
277Kb / 12P
Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652ES MPS-MP4652ES Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4655 MPS-MP4655 Datasheet
769Kb / 31P
Pure, Single-Stage, LLC, LED Current and System Voltage Controller
More results

Similar Description - MP4653

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3268A EUTECH-EUP3268A Datasheet
100Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
EUP3269 EUTECH-EUP3269 Datasheet
94Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
EUP3270 EUTECH-EUP3270 Datasheet
93Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
EUP3466 EUTECH-EUP3466 Datasheet
562Kb / 1P
CC/CV Mode Step-Down Converter
EUP3467 EUTECH-EUP3467 Datasheet
570Kb / 1P
5A, CC/CV Mode Step-Down Converter
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
Dual CC/CV Mode Switch Controller
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com