Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 2Page - Monolithic Power Systems MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems MP4653 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
6
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(continued)
VIN = 12V, TA = +25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VCOMP Peak Threshold
Vth_peak(VCOMP)
2.7
3
3.3
V
VCOMP
charging
current
at
hiccup mode
Icharge_fault(VCOMP)
1.6
2
2.4
µA
VCOMP discharging current at
hiccup mode
Idischarge_fault(VCO
MP)
1.6
2
2.4
µA
Burst mode (Pulse Skipping) threshold (VCOMP, ICOMP,VFB, IFB)
VCOMP threshold for burst mode
VTH_burst_VCOMP VFB>1.1VSH
1.05
1.1
1.15
V
VCOMP
hysteresis
for
burst
mode
70
90
110
mV
VFB threshold for burst mode
VTH_burst_VFB
1
1.1
1.2
VSH
VFB reset threshold for burst
mode
VTH_reset_burst_VFB
1
VSH
ICOMP threshold for burst mode
VTH_burst_ICOMP VIFB>1.1VIFB_REF
1.05
1.1
1.15
V
ICOMP hysteresis for burst mode
70
90
110
mV
IFB threshold for burst mode
VTH_burst_IFB
1
1.1
1.2
VIFB_REF
IFB reset threshold for burst
mode
VTH_reset_burst_IFB
1
VIFB_REF
Over Bus Voltage Protection (VFB)
Over
bus
Voltage
Protection
Threshold
VTH(OVP_VFB)
2.25
2.40
2.55
V
Delay Time
VFB>2.4V
1.7
2.3
2.9
µs
Short LED stage Detection (SSD)
SSD Threshold
VTH_SSD
-225
-200
-175
mV
SSD Detection Delay Time
TD_SSD
SSD<-200mV
1.8
2.4
3
µs
Short Bus Stage Detection (OCP)
OCP detection threshold
VTH_OCP
-120
-100
-80
mV
OCP delay time
TD_OCP
OCP<-100mV
1.8
2.4
3
µs
*: For design reference, not test parameter.
[5]: for bench evaluation only
[6]: for design only, not to be test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com