Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems MP4653 Datasheet HTML 10Page - Monolithic Power Systems MP4653 Datasheet HTML 11Page - Monolithic Power Systems MP4653 Datasheet HTML 12Page - Monolithic Power Systems MP4653 Datasheet HTML 13Page - Monolithic Power Systems MP4653 Datasheet HTML 14Page - Monolithic Power Systems MP4653 Datasheet HTML 15Page - Monolithic Power Systems MP4653 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
12
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, 400V_bus=380V, VLED = 120V, ILED=130mA*4 strings, DC/DC output=12V/1.5A, TA =
25°C, unless otherwise noted.
Open LED Protection
Recovery
Short LED+ to LED-
Protection
Short LED+ to LED-
Recover
Short LED- to GND
Protection
Short LED- to GND
Recover
Short LED+ to GND
Protection and Recovery
Short DC bus to GND
Protection and Recover
VSSD
100mV/div.
ISHORT
500mA/div.
VGL
5V/div.
VBUS
5V/div.
VOPEN
50V/div.
VICOMP
1V/div.
VGL
5V/div.
VBUS
5V/div.
ILED
500mA/div.
VICOMP
1V/div.
VBUS
5V/div.
VICOMP
1V/div.
VSSD
100mV/div.
ISHORT
500mA/div.
VBUS
5V/div.
VICOMP
1V/div.
VSSD
500mV/div.
ILED
500mA/div.
VBUS
5V/div.
VICOMP
1V/div.
VCOP
100mV/div.
VGL
5V/div.
VBUS
10V/div.
VCOMP
2V/div.
VGL
5V/div.
VBUS
5V/div.
ILED
500mA/div.
VICOMP
1V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com