Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems MP4653 Datasheet HTML 10Page - Monolithic Power Systems MP4653 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
7
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Supply Current vs.
Temperature
VUVLO_rising vs.
Temperature
VCC vs. Temperature
IVCC=30mA
Dead Time vs. Temperature
VUVLO_falling vs.
Temperature
LOAD CURRENT (mA)
VCC Load Regulation
VIN=12V
VCC Line Regulation
IVCC=20mA
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
IFB Voltage Line Regulation
99.0
99.5
100.0
100.5
101.0
510
15
20
25
30
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
0
1020
3040
5060
0
1
2
3
4
5
6
7
8
9
10
510
15
20
25
30
0
10
20
30
40
50
60
-50 -30 -10 10 30 50 70 90 110130
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -30 -10 10 30 50 70 90 110130
9.10
9.15
9.20
9.25
9.30
9.35
9.40
-50 -30 -10 10 30 50 70 90 110130
700
720
740
760
780
800
820
840
-50 -30 -10 10 30 50 70 90 110130
4.3
4.31
4.32
4.33
4.34
4.35
4.36
4.37
4.38
4.39
4.4
-50 -30 -10 10 30 50 70 90110130
4
4.02
4.04
4.06
4.08
4.1
4.12
4.14
4.16
4.18
-50 -30 -10 10 30 50 70 90110130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com