Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4653 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 9Page - Monolithic Power Systems MP4653 Datasheet HTML 10Page - Monolithic Power Systems MP4653 Datasheet HTML 11Page - Monolithic Power Systems MP4653 Datasheet HTML 12Page - Monolithic Power Systems MP4653 Datasheet HTML 13Page - Monolithic Power Systems MP4653 Datasheet HTML 14Page - Monolithic Power Systems MP4653 Datasheet HTML 15Page - Monolithic Power Systems MP4653 Datasheet HTML 16Page - Monolithic Power Systems MP4653 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
13
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SS
Soft Start. This pin functions soft start and also sets the operating frequency together with
FSET pin. Connect a resistor (RSS_FSET) in parallel with a resistor (Rss) and a capacitor (Css)
in series to this pin. The sourcing current of this pin together with the sourcing current of
FSET pin determines the operating frequency. The resistor RSS_FSET together with the resistor
on FSET pin sets the operating frequency; the resistor Rss and the capacitor Css functions
the soft start.
The normal voltage on this pin is 1.49V and is pulled low to 0V at bus voltage stage fault
condition. The Rss and Css network sets the start up operating frequency and the soft start
time.
2
FSET
Frequency Set. Connect a resistor from this pin to GND. The operating frequency is
determined by the sourcing current through this pin and SS pin. The voltage of FSET pin is
programmed by the current control loop and the voltage control loop, and so does the
operating frequency.
3
VOCP
Over current protection of bus stage. This pin senses the secondary current of the bus stage,
when the VOCP voltage is lower than -100mV, IC triggers bus stage protection.
4
VFB
Bus voltage feedback. This pin feeds back the bus voltage for regulation. MP4653
automatically samples the VFB voltage at PWM ON interval and uses it as the reference
voltage of the bus voltage control loop at PWM OFF interval.
The voltage on VFB pin is also used for over voltage protection of bus voltage stage. When
the voltage on VFB pin exceeds 2.4V, the over voltage protection of bus voltage stage is
triggered.
5
VCOMP
Feedback Compensation Node of voltage control loop. Connect a compensation capacitor or
a R-C network from this pin to GND.
VCOMP pin is also used as the hiccup timer for the fault protection of the Bus voltage stage.
When fault condition occurs in the bus voltage stage, the VCOMP is disconnected from the
internal voltage loop and the hiccup timer for the voltage bus voltage stage starts. An internal
current source charges VCOMP until 3V and then discharges it to 0.45V.
6
ICOMP
Feedback Compensation Node of current control loop. Connect a compensation capacitor or
a R-C network from this pin to GND.
ICOMP pin is also used as the hiccup timer for the LED stage protection. When fault
condition of the LED stage occurs, the ICOMP pin is disconnected from the internal amplifier
and LED stage hiccup timer starts. An internal current source charges ICOMP until 3V and
then discharges it to 0.45V.
7
IFB
LED Current Feedback Input. This pin feeds back the LED current through a sensing resistor.
The internal error amplifier sinks a current from the ICOMP pin proportional to the absolute
value of the voltage at this pin. The average voltage at this pin is regulated to the reference
voltage (controlled by the A-dim voltage, 0.2V when A-dim is high).
The voltage on this pin is also used for over LED current detection. When the voltage on this
pin gets higher than 0.3V for 200
μs or when the voltage gets higher than 0.6V, the IC
triggers the LED stage protection.
8
SSD
Short string protection. This pin feeds back the secondary side current of the LED driver
stage. When the voltage on this pin is less than -200mV, IC triggers the LED driver stage
protection.
9
VLED4 Voltage feedback of LED string4.
10
VLED3 Voltage feedback of LED string3.
11
VLED2 Voltage feedback of LED string2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com