Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 8Page - Analog Devices AD7875LPZ1 Datasheet HTML 9Page - Analog Devices AD7875LPZ1 Datasheet HTML 10Page - Analog Devices AD7875LPZ1 Datasheet HTML 11Page - Analog Devices AD7875LPZ1 Datasheet HTML 12Page - Analog Devices AD7875LPZ1 Datasheet HTML 13Page - Analog Devices AD7875LPZ1 Datasheet HTML 14Page - Analog Devices AD7875LPZ1 Datasheet HTML 15Page - Analog Devices AD7875LPZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 12 of 2
8
AD7876
TRACK-AND-HOLD
AMPLIFIER
TO INTERNAL
REFERENCE
2.1R
7R
VIN
REF OUT
AGND
TO INTERNAL
COMPARATOR
3R
TO INTERNAL AGND
Figure 9. AD7876 Analog Input
Figure 10 shows the analog input for the AD7875. The input
range is 0 V to +5 V into an input resistance of typically 25 kΩ.
Once again, the designed code transitions occur midway
between successive integer LSB values. The output code is
straight binary with 1 LSB = FS/4096 = 5 V/4096 = 1.22 mV.
The ideal input/output transfer function is shown in Figure 12.
AD7875
TRACK-AND-HOLD
AMPLIFIER
TO INTERNAL AGND
3R
2R
VIN
AGND
TO INTERNAL
COMPARATOR
Figure 10. AD7875 Analog Input
011…111
OUTPUT
CODE
AD7870 (AD7876)
011…110
100…001
100…000
0V
VIN – INPUT VOLTAGE
000…010
000…001
000…000
111…111
111…110
–FS
2
+FS – 1LSB
2
FS
1LSB =
FS = 6V (20V)
4096
Figure 11. AD7870/AD7876 Transfer Function
OUTPUT
CODE
000…011
000…010
000…001
000…000
VIN – INPUT VOLTAGE
111…101
111…100
111…111
111…110
FS
1LSB =
FS = 5V
+FS – 1LSB
0V
4096
Figure 12. AD7875 Transfer Function
OFFSET AND FULL-SCALE ADJUSTMENT—
AD7870
In most digital signal processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain
by ac coupling. Full-scale error effect is linear and does not
cause problems as long as the input signal is within the full
dynamic range of the ADC. Some applications will require
that the input signal span the full analog input dynamic range.
In such applications, offset and full-scale error have to be
adjusted to zero.
Where adjustment is required, offset error must be adjusted
before full-scale error. This is achieved by trimming the offset
of the op amp driving the analog input of the AD7870 while the
input voltage is 1/2 LSB below ground. The trim procedure is as
follows: apply a voltage of −0.73 mV(−1/2 LSB) at V1 in Figure 13
and adjust the op amp offset voltage until the ADC output code
flickers between 1111 1111 1111 and 0000 0000 0000. Gain
error can be adjusted at either the first code transition (ADC
negative full-scale) or the last code transition (ADC positive full
scale). The trim procedures for both cases are as follows (see
Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com