Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 16Page - Analog Devices AD7875LPZ1 Datasheet HTML 17Page - Analog Devices AD7875LPZ1 Datasheet HTML 18Page - Analog Devices AD7875LPZ1 Datasheet HTML 19Page - Analog Devices AD7875LPZ1 Datasheet HTML 20Page - Analog Devices AD7875LPZ1 Datasheet HTML 21Page - Analog Devices AD7875LPZ1 Datasheet HTML 22Page - Analog Devices AD7875LPZ1 Datasheet HTML 23Page - Analog Devices AD7875LPZ1 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 20 of 2
8
This is a two-byte read instruction. During the first read
operation BUSY, in conjunction with CS, forces the micro-
processor to WAIT for the ADC conversion. At the end of
conversion the ADC low byte (DB7 – DB0) is loaded into
D15 – D8 of the D0 register and the ADC high byte (DB15 –
DB7) is loaded into Bits D7 – D0 of the D0 register.
The following rotate instruction to the D0 register swaps the
high and low bytes to the correct format.
R0L = 8, D0.
Note that while executing the two-byte read instruction above,
WAIT states are inserted during the first read operation only
and not for the second.
A15
A0
CONVST
CS
HBEN
A0
12/8/CLK
BUSY/INT
RD
DB7
C
R2
DB0
ADDRESS BUS
DATA BUS
ADDR
DECODE
EN
DTACK
AS
STRB
D15
D0
R/W
1ADDITIONAL PINS OMITTED FOR CLARITY.
2RESISTOR AND CAPACITOR REQUIRED TO GUARANTEE
t15.
AD7870/
AD7875/
AD78761
MC68008
Figure 25. MC68008 Byte Interface
SERIAL INTERFACING
Figure 26, Figure 27, Figure 28, and Figure 29 show the
AD7870/AD7875/AD7876 configured for serial interfacing. In
all four interfaces, the ADC is configured for Mode 1 operation.
The interfaces show a timer driving the CONVST input, but
this could be generated from a decoded address if required. The
SCLK, SDAT and SSTRB are open-drain outputs. If these are
required to drive capacitive loads in excess 35 pF, buffering is
recommended.
DSP56000 Serial Interface
Figure 26 shows a serial interface between the AD7870/AD7875/
AD7876, and the DSP56000. The interface arrangement is
two-wire with the ADC configured for noncontinuous clock
operation (12/8/CLK = 0 V). The DSP56000 is configured
for normal mode asynchronous operation with gated clock.
It is also set up for a 16-bit word with SCK and SC1 as inputs
and the FSL control bit set to a 0. In this configuration, the
DSP56000 assumes valid data on the first falling edge of SCK.
Since the ADC provides valid data on this first edge, there is
no need for a strobe or framing pulse for the data. SCLK and
SDATA are gated off when the ADC is not performing a
conversion. During conversion, data is valid on the SDATA
output of the ADC and is clocked into the receive data shift
register of the DSP56000. When this register has received
16 bits of data, it generates an internal interrupt on the
DSP56000 to read the data from the register.
CONVST
12/8/CLK
SCLK
2kΩ
5V
4.7kΩ
SDATA
SCK
SRD
DSP56000
TIMER
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD7870/
AD7875/
AD78761
Figure 26. DSP56000 Serial Interface
The DSP56000 and AD7870/AD7875/AD7876 can also be
configured for continuous clock operation (12/8/CLK = −5 V).
In this case, a strobe pulse is required by the DSP56000 to
indicate when data is valid. The SSTRB output of the ADC
is inverted and applied to the SC1 input of the DSP56000 to
provide this strobe pulse. All other conditions and connections
are the same as for gated clock operation.
NEC7720/77230 Serial Interface
A serial interface between the AD7870/AD7875/AD7876 and
the NEC7720 is shown in Figure 27. In the interface shown, the
ADC is configured for continuous clock operation. This can be
changed to a noncontinuous clock by simply tying the 12/8/CLK
input of the ADC to 0 V with all other connections remaining
the same. The NEC7720 expects valid data on the rising edge of
its SCK input and therefore an inverter is required on the SCLK
output of the ADC. The NEC7720 is configured for a 16-bit
data word. Once the 16 bits of data have been received by the SI
register of the NEC7720, an internal interrupt is generated to
read the contents of the SI register.
The NEC77230 interface is similar to that just outlined for the
NEC7720. However, the clock input of the NEC77230 is SICLK.
Additionally, no inverter is required between the ADC SCLK
output and this SICLK input since the NEC77230 assumes data
is valid on the falling edge of SICLK.
CONVST
12/8/CLK
2kΩ
+5V
–5V
4.7kΩ
4.7kΩ
SCLK
SIEN
SI
SCLK
SSTRB
SDATA
µPD7720
TIMER
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD7870/
AD7875/
AD78761
Figure 27. NEC7720 Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com