Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 12Page - Analog Devices AD7875LPZ1 Datasheet HTML 13Page - Analog Devices AD7875LPZ1 Datasheet HTML 14Page - Analog Devices AD7875LPZ1 Datasheet HTML 15Page - Analog Devices AD7875LPZ1 Datasheet HTML 16Page - Analog Devices AD7875LPZ1 Datasheet HTML 17Page - Analog Devices AD7875LPZ1 Datasheet HTML 18Page - Analog Devices AD7875LPZ1 Datasheet HTML 19Page - Analog Devices AD7875LPZ1 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 16 of
28
CS
TRACK-AND-HOLD
GOES INTO HOLD
TRACK-AND-HOLD RETURNS TO TRACK
AND ACQUISITION TIME BEGINS
THREE-STATE
VALID
DATA
DB11 TO DB0
RD
BUSY
DATA
t15
t17
t7
t16
tCONVERT
t18
Figure 16. Mode 2 Timing Diagram, 12-Bit Parallel Read
CS
RD
BUSY
SSTRB2
DATA
SCLK3
TRACK-AND-HOLD RETURNS TO TRACK
AND ACQUISITION TIME BEGINS
TRACK-AND-HOLD
GOES INTO HOLD
THREE-STATE
LEADING
ZEROS
VALID
DATA
DB7 TO DB0
VALID
DATA
DB11 TO DB8
HBEN1
SDATA2
1TIMES
t15, t16, AND t20 ARE THE SAME FOR A HIGH BYTE READ AS FOR A LOW BYTE READ.
2EXTERNAL 4.7kΩ PULL-UP RESISTOR.
3EXTERNAL 2kΩ PULL-UP RESISTOR;
CONTINUOUS SCLK (DASHED LINE) WHEN 12/8/CLK = –5V;
NONCONTINUOUS WHEN 12/8/CLK = 0V.
DB11 DB10
SERIAL DATA
DB0
t8
t2
t18
t20
t7
t6
t7
t6
t17
t11
t10
t16
t15
t19
tCONVERT
t13
t14
t12
Figure 17. Mode 2 Timing Diagram, Byte or Serial Read
The Mode 2 timing diagram for byte and serial data is shown in
Figure 17. For a two-byte data read, the lower byte (DB0 – DB7)
has to be accessed first since HBEN must be low to start conver-
sion. The ADC behaves like slow memory for this first read,
but the second read to access the upper byte of data is a normal
read. Operation of the serial functions is identical between
Mode 1 and Mode 2. The timing diagram of Figure 17 shows
both a noncontinuously and a continuously running SCLK
(dashed line).
DYNAMIC SPECIFICATIONS
The AD7870 and AD7875 are specified and 100% tested for
dynamic performance specifications as well as traditional dc
specifications such as integral and differential nonlinearity.
Although the AD7876 is not production tested for ac
parameters, its dynamic performance is similar to the AD7870
and AD7875. The ac specifications are required for signal
processing applications such as speech recognition, spectrum
analysis and high speed modems. These applications require
information on the ADC’s effect on the spectral content of the
input signal. Thus, the parameters for which the AD7870 and
AD7875 are specified include SNR, harmonic distortion,
intermodulation distortion and peak harmonics. These terms
are discussed in more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up
to half the sampling frequency (FS/2) excluding dc. SNR is
dependent upon the number of quantization levels used in
the digitization process; the more levels, the smaller the
quantization noise. The theoretical signal-to-noise ratio for
a sine wave input is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits. Thus for an ideal 12-bit
converter, SNR = 74 dB.
Note that a sine wave signal is of very low distortion to the VIN
input which is sampled at a 100 kHz sampling rate. A fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com