Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 20Page - Analog Devices AD7875LPZ1 Datasheet HTML 21Page - Analog Devices AD7875LPZ1 Datasheet HTML 22Page - Analog Devices AD7875LPZ1 Datasheet HTML 23Page - Analog Devices AD7875LPZ1 Datasheet HTML 24Page - Analog Devices AD7875LPZ1 Datasheet HTML 25Page - Analog Devices AD7875LPZ1 Datasheet HTML 26Page - Analog Devices AD7875LPZ1 Datasheet HTML 27Page - Analog Devices AD7875LPZ1 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 25 of 2
8
ORDERING GUIDE
Table 7.
Model
Temperature Range
VIN Voltage Range
(V)
SNR
(dBs)
Integral
Nonlinearity (LSB)
Package Description
Package
Option
AD7870JN
0°C to +70°C
±3
70 min
±1/2 typ
24-Lead PDIP
N-24-1
AD7870JNZ1
0°C to +70°C
±3
70 min
±1/2 typ
24-Lead PDIP
N-24-1
AD7870KN
0°C to +70°C
±3
70 min
±1 max
24-Lead PDIP
N-24-1
AD7870KNZ1
0°C to +70°C
±3
70 min
±1 max
24-Lead PDIP
N-24-1
AD7870LN
0°C to +70°C
±3
72 min
±1/2 max
24-Lead PDIP
N-24-1
AD7870LNZ1
0°C to +70°C
±3
72 min
±1/2 max
24-Lead PDIP
N-24-1
AD7870JP
0°C to +70°C
±3
70 min
±1/2 typ
28-Lead PLCC
P-28
AD7870JP-REEL
0°C to +70°C
±3
70 min
±1/2 typ
28-Lead PLCC
P-28
AD7870JPZ1
0°C to +70°C
±3
70 min
±1/2 typ
28-Lead PLCC
P-28
AD7870JPZ-REEL1
0°C to +70°C
±3
70 min
±1/2 typ
28-Lead PLCC
P-28
AD7870KP
0°C to +70°C
±3
70 min
±1 max
28-Lead PLCC
P-28
AD7870KP-REEL
0°C to +70°C
±3
70 min
±1 max
28-Lead PLCC
P-28
AD7870KPZ1
0°C to +70°C
±3
70 min
±1 max
28-Lead PLCC
P-28
AD7870KPZ-REEL1
0°C to +70°C
±3
70 min
±1 max
28-Lead PLCC
P-28
AD7870LP
0°C to +70°C
±3
72 min
±1/2 max
28-Lead PLCC
P-28
AD7870LP-REEL
0°C to +70°C
±3
72 min
±1/2 max
28-Lead PLCC
P-28
AD7870LPZ1
0°C to +70°C
±3
72 min
±1/2 max
28-Lead PLCC
P-28
AD7870AQ
−25°C to +85°C
±3
70 min
±1/2 typ
24-Lead CERDIP
Q-24-1
AD7870BQ
−25°C to +85°C
±3
70 min
±1 max
24-Lead CERDIP
Q-24-1
AD7870CQ
−25°C to +85°C
±3
72 min
±1/2 max
24-Lead CERDIP
Q-24-1
AD7870TQ
−55°C to +125°C
±3
70 min
±1 max
24-Lead CERDIP
Q-24-1
AD7875KN
0°C to +70°C
0 to +5
70 min
±1 max
24-Lead PDIP
N-24-1
AD7875KNZ1
0°C to +70°C
0 to +5
70 min
±1 max
24-Lead PDIP
N-24-1
AD7875LN
0°C to +70°C
0 to +5
72 min
±1/2 max
24-Lead PDIP
N-24-1
AD7875LNZ1
0°C to +70°C
0 to +5
72 min
±1/2 max
24-Lead PDIP
N-24-1
AD7875KP
0°C to +70°C
0 to +5
70 min
±1 max
28-Lead PLCC
P-28
AD7875KPZ1
0°C to +70°C
0 to +5
70 min
±1 max
28-Lead PLCC
P-28
AD7875KPZ-REEL1
0°C to +70°C
0 to +5
70 min
±1 max
28-Lead PLCC
P-28
AD7875LP-REEL
0°C to +70°C
0 to +5
72 min
±1/2 max
28-Lead PLCC
P-28
AD7875LPZ1
0°C to +70°C
0 to +5
72 min
±1/2 max
28-Lead PLCC
P-28
AD7875LPZ-REEL1
0°C to +70°C
0 to +5
72 min
±1/2 max
28-Lead PLCC
P-28
AD7875BQ
−40°C to +85°C
0 to +5
70 min
±1 max
24-Lead CERDIP
Q-24-1
AD7875CQ
−40°C to +85°C
0 to +5
72 min
±1/2 max
24-Lead CERDIP
Q-24-1
AD7875TQ
−55°C to +125°C
0 to +5
70 min
±1 max
24-Lead CERDIP
Q-24-1
AD7876BN
−40°C to +85°C
±10
±1 max
24-Lead PDIP
N-24-1
AD7876BNZ1
−40°C to +85°C
±10
±1 max
24-Lead PDIP
N-24-1
AD7876CN
−40°C to +85°C
±10
±1/2 max
24-Lead PDIP
N-24-1
AD7876CNZ1
−40°C to +85°C
±10
±1/2 max
24-Lead PDIP
N-24-1
AD7876BR
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876BR-REEL
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876BR-REEL7
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876BRZ1
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876BRZ-REEL1
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876BRZ-REEL71
−40°C to +85°C
±10
±1 max
24-Lead SOIC_W
RW-24
AD7876CR
−40°C to +85°C
±10
±1/2 max
24-Lead SOIC_W
RW-24
AD7876CR-REEL
−40°C to +85°C
±10
±1/2 max
24-Lead SOIC_W
RW-24
AD7876CRZ1
−40°C to +85°C
±10
±1/2 max
24-Lead SOIC_W
RW-24
AD7876BQ
−40°C to +85°C
±10
±1 max
24-Lead CERDIP
Q-24-1
AD7876TQ
−55°C to +125°C
±10
±1 max
24-Lead CERDIP
Q-24-1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com