Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 14Page - Analog Devices AD7875LPZ1 Datasheet HTML 15Page - Analog Devices AD7875LPZ1 Datasheet HTML 16Page - Analog Devices AD7875LPZ1 Datasheet HTML 17Page - Analog Devices AD7875LPZ1 Datasheet HTML 18Page - Analog Devices AD7875LPZ1 Datasheet HTML 19Page - Analog Devices AD7875LPZ1 Datasheet HTML 20Page - Analog Devices AD7875LPZ1 Datasheet HTML 21Page - Analog Devices AD7875LPZ1 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 18 of
28
0
–30
–60
–90
–120
05
V(i), the estimated code transition point, is derived as follows:
0
FREQUENCY (kHz)
INPUT FREQUENCIES
F1 = 9.05kHz
F2 = 9.55kHz
SAMPLING FREQUENCY = 100kHz
TA = 25°C
IMD
ALL TERMS = 90.06dB
SECOND ORDER TERMS = 92.73dB
THIRD ORDER TERSM = 93.45dB
()
()
[
]
N
i
cum
Cos
A
i
V
×
π
×
−
=
where:
A is the peak signal amplitude.
N is the number of histogram samples.
cum(i) =
()
∑
=
i
n
n
V
0
occurrences.
0.5
–0.50
0.25
0
–0.25
0
511
1023
1535
2047
2559
3071
3583
4095
CODE
INPUT FREQUENCY = 25kHz
SAMPLE FREQUENCY = 100kHz
TA = 25°C
Figure 20. IMD Plot
AC Linearity Plot
When a sine wave of specified frequency is applied to the VIN
input of the AD7870/AD7875 and several million samples are
taken, a histogram showing the frequency of occurrence of each
of the 4096 ADC codes can be generated. From this histogram
data it is possible to generate an ac integral linearity plot as
shown in Figure 21. This shows very good integral linearity
performance from the AD7870/AD7875 at an input frequency
of 25 kHz. The absence of large spikes in the plot shows good
differential linearity. Simplified versions of the formulae used
are outlined below.
Figure 21. AC INL Plot
()
()
()
() ()
i
o
V
fs
V
o
V
i
V
i
INL
−
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
×
−
−
=
4096
where:
INL(i) is the integral linearity at code i.
V(fs) and V(o) are the estimated full-scale and offset transitions.
V(i) is the estimated transition for the ith code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com