Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 9Page - Analog Devices AD7875LPZ1 Datasheet HTML 10Page - Analog Devices AD7875LPZ1 Datasheet HTML 11Page - Analog Devices AD7875LPZ1 Datasheet HTML 12Page - Analog Devices AD7875LPZ1 Datasheet HTML 13Page - Analog Devices AD7875LPZ1 Datasheet HTML 14Page - Analog Devices AD7875LPZ1 Datasheet HTML 15Page - Analog Devices AD7875LPZ1 Datasheet HTML 16Page - Analog Devices AD7875LPZ1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 13 of
28
R1
10kΩ
R2
500Ω
R3
10kΩ
AGND
VIN
R5
10kΩ
R4
10kΩ
AD7870/
AD7875/
AD78761
1ADDITIONAL PINS OMITTED FOR CLARITY.
V1
Positive Full-Scale Adjust
Apply a voltage of 9.9927 V (FS/2 − 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110 and
0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of −9.9976 V (FS/2 + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 1000 0000 0000
and 1000 0000 0001.
OFFSET AND FULL-SCALE ADJUSTMENT—
AD7875
Figure 13. Offset and Full-Scale Adjust Circuit
Similar to the AD7870, most of the DSP applications in which
the AD7875 is used do not require offset and full-scale
adjustment. For applications that do require adjustment, offset
error must be adjusted before full-scale (gain) error. This is
achieved by applying an input voltage of 0.61 mV (1/2 LSB) to
V1 in Figure 13 and adjusting the op amp offset voltage until
the ADC output code flickers between 0000 0000 0000 and
0000 0000 0001. For full-scale adjustment, apply an input
voltage of 4.9982 V (FS − 3/2 LSBs) to V1 and adjust R2 until
the ADC output code flickers between 1111 1111 1110 and
1111 1111 1111.
Positive Full-Scale Adjust
Apply a voltage of 2.9978 V (FS/2 − 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110 and
0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of −2.9993 V (−FS/2 + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 1000 0000 0000
and 1000 0000 0001.
OFFSET AND FULL-SCALE ADJUSTMENT—
AD7876
The offset and full-scale adjustment for the AD7876 is similar
to that just outlined for the AD7870. The trim procedure, for
those applications that do require adjustment, is as follows:
apply a voltage of −2.44 mV (−1/2 LSB) at V1 and adjust the op
amp offset voltage until the ADC output code flickers between
1111 1111 1111 and 0000 0000 0000. Full-scale error can be
adjusted at either the first code transition (ADC negative full
scale) or the last code transition (ADC positive full scale). The
trim procedure for both case is as described in the following
sections (see Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com