Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LPZ1 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7875LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LPZ1 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7875LPZ1 Datasheet HTML 11Page - Analog Devices AD7875LPZ1 Datasheet HTML 12Page - Analog Devices AD7875LPZ1 Datasheet HTML 13Page - Analog Devices AD7875LPZ1 Datasheet HTML 14Page - Analog Devices AD7875LPZ1 Datasheet HTML 15Page - Analog Devices AD7875LPZ1 Datasheet HTML 16Page - Analog Devices AD7875LPZ1 Datasheet HTML 17Page - Analog Devices AD7875LPZ1 Datasheet HTML 18Page - Analog Devices AD7875LPZ1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 15 of
28
CONVST
TRACK-AND-HOLD
GOES INTO HOLD
TRACK-AND-HOLD RETURNS
TO TRACK AND
ACQUISITION TIME BEGINS
THREE-STATE
VALID
DATA
DB11 TO DB0
CS
RD
INT
DATA
t2
t1
tCONVERT
t5
t4
t7
t4
t3
Figure 14. Mode 1 Timing Diagram, 12-Bit Parallel Read
CONVST
CS
RD
INT
SSTRB2
DATA
SCLK3
TRACK-AND-HOLD RETURNS TO TRACK
AND ACQUISITION TIME BEGINS
TRACK-AND-HOLD GOES INTO HOLD
THREE-STATE
LEADING
ZEROS
VALID
DATA
DB7 TO DB0
VALID
DATA
DB11 TO DB8
HBEN1
t1
SDATA2
1TIMES
t2, t3, t4, t8, AND t9 ARE THE SAME FOR A HIGH BYTE READ AS FOR A LOW BYTE READ.
2EXTERNAL 4.7kΩ PULL-UP RESISTOR.
3EXTERNAL 2kΩ PULL-UP RESISTOR;
CONTINUOUS SCLK (DASHED LINE) WHEN 12/8/CLK = –5V;
NONCONTINUOUS WHEN 12/8/CLK = 0V.
DB11
DB10
SERIAL DATA
DB0
t8
t2
t4
t3
t9
t7
t5
tCONVERT
t6
t11
t10
t12
t13
t14
Figure 15. Mode 1 Timing Diagram, Byte or Serial Read
The Mode 1 timing diagram for byte and serial data is shown
in Figure 15. INT goes low at the end of conversion and is reset
high by the first falling edge of CS and RD. This first read at the
end of conversion can either access the low byte or high byte of
data depending on the status of HBEN (
shows low
byte only for example). The diagram shows both a nonconti-
nuously and a continuously running clock (dashed line).
Figure 15
MODE 2 INTERFACE
The second interface mode is achieved by hard wiring
CONVST low and conversion is initiated by taking CS low
while HBEN is low. The track-and-hold amplifier goes into the
hold mode on the falling edge of CS. In this mode, the BUSY
/INT pin assumes its BUSY function. BUSY goes low at the start
of conversion, stays low during the conversion and returns high
when the conversion is complete. It is normally used in parallel
interfaces to drive the microprocessor into a WAIT state for the
duration of conversion. Mode 2 is not relevant for the AD7870A
device.
Figure 16 shows the Mode 2 timing diagram for the 12-bit
parallel data output format (12/8/CLK = +5 V). In this case, the
ADC behaves like slow memory. The major advantage of this
interface is that it allows the microprocessor to start conversion,
WAIT and then read data with a single READ instruction. The
user does not have to worry about servicing interrupts or
ensuring that software delays are long enough to avoid reading
during conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com