Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Tektronix Mid-range Oscilloscopes
Need more performance or have other application needs? Consider the
MDO/MSO/DPO4000 series or the DPO7000 series.
For more performance, the DPO7000C series offers:
500 MHz to 3.5 GHz bandwidth
Up to 40 GS/s sampling rate
Up to 500 M point record length
1 % accuracy
More analysis and compliance support for higher data rates
Microsoft Windows 7
For mixed-domain analysis or greater portability, the MDO/MSO/
DPO4000B series offers:
100 MHz to 1 GHz bandwidth
Up to 5 GS/s sampling
Up to 20 M point record length
Serial data trigger and decode
Built-in 3 GHz or 6 GHz spectrum analyzer (MDO models)
2 or 4 analog channels and 16 digital channels (MSO and MDO
models)
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com