Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSO5000B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
See the performance difference
With up to 2 GHz analog bandwidth and sampling rates up to 10 GS/s, the
MSO/DPO5000B series ensures you have the performance you need to
capture waveforms with the best possible signal fidelity and resolution for
seeing small waveform details.
Performance - With up to 2 GHz bandwidth and 10 GS/s sample rate capture
USB2.0 480 Mb/s differential signals with true fidelity and 100 ps resolution.
Accurate high-speed probing
The TPP Series probes, included standard with every MSO/DPO5000B
Series oscilloscope, provide up to 1 GHz of analog bandwidth, and less
than 4 pF of capacitive loading. The extremely low capacitive loading
minimizes adverse effects on your circuits and is more forgiving of longer
ground leads. And with the probe's wide bandwidth, you can see the high
frequency components in your signal, which is critical for high-speed
applications. The TPP Series passive voltage probes offer all the benefits
of general-purpose probes like high dynamic range, flexible connection
options, and robust mechanical design, while providing the performance of
active probes.
Probing - Up to 1 GHz bandwidth and less than 4 pF capacitive loading provides active
probe performance and superior performance over passive probes included with other
mid-range oscilloscopes.
Fast discovery
To debug a design problem, first you must know it exists. Every design
engineer spends time looking for problems in their design, a time-
consuming and difficult task without the right debug tools. The MSO/
DPO5000B Series offers the industry's most complete performance to
capture and isolate events, providing fast insight into the real operation of
your device. Tektronix proprietary FastAcq™ technology delivers a fast
waveform capture - greater than 250,000 waveforms per second - that
enables you to see glitches and other infrequent transients within seconds,
revealing the true nature of device faults. A digital phosphor display with
color intensity grading shows the history of a signal's activity by using color
to identify areas of the signal that occur more frequently, providing a visual
display of just how often anomalies occur across all channels.
Discover – fast waveform capture rate - over 250,000 wfm/s - maximizes the probability
of capturing elusive glitches and other infrequent events.
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com