Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 18Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 19Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 20Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 21Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 22Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 23Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 24Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Options
Record length options
Option
MSO5034B
DPO5034B
MSO5054B
DPO5054B
MSO5104B
DPO5104B
MSO5204B
DPO5204B
Opt. 5RL
50 M/Ch
125 M max, 50 M/Ch
Opt. 10RL
125 M/Ch
250 M max, 125 M/Ch
Advanced analysis options
Option
Description
Opt. BRR
BroadR-Reach Compliance Testing (Requires TF-GBE-BTP or TF-GBE-ATP Ethernet Test Fixture)
Opt. DDRA
DDR Memory bus analysis (Requires Opt. DJA) (Available on 1 GHz and 2 GHz models only.)
Opt. DJA
Jitter and Eye Analysis Tools – Advanced (DPOJET)
Opt. ET3
Ethernet compliance test (Requires TF-GBE-BTP or TF-GBE-ATP Ethernet Test Fixture)
Opt. HSIC
USB HSIC protocol decode and electrical validation (Requires Opt. DJA) (Available on 2 GHz models only.)
Opt. MOST
MOST Essentials – Electrical compliance and debug test solution for MOST50 and MOST150 (Requires Opt. DJA)
Opt. MTM
Mask testing
– ITU-T (64 Kb/s to 155 Mb/s)
– ANSI T1.102 (1.544 Mb/s to 155 Mb/s)
– Ethernet IEEE 802.3, ANSI X3.263 (125 Mb/s to
1.25 Gb/s)
– SONET/SDH (51.84 Mb/s to 622 Mb/s)
– Fibre Channel (133 Mb/s to 2.125 Gb/s)
– Fibre Channel Electrical (133 Mb/s to 1.06 Gb/s)
– USB (12 Mb/s to 480 Mb/s)
– IEEE 1394b (491.5 Mb/s to 1.966 Gb/s)
– Rapid I/O Serial (up to 1.25 Gb/s)
– Rapid I/O LP-LVDS (500 Mb/s to 1 Gb/s)
– OIF Standards (1.244 Gb/s)
– CPRI, V4.0 (1.228 Gb/s)
– Video (143.18 Mb/s to 360 Mb/s)
Opt. PWR
Power measurement and analysis
Opt. SR-AERO
Aerospace serial triggering and analysis (MIL-STD-1553).
Enables triggering on packet-level information on MIL-STD-1553 buses and analytical tools such as bus views, packet decoding, search tools,
and packet decode tables with time stamp information.
Signal Inputs – Any Ch1 - Ch4
Recommended probing – Differential
Opt. SR-AUTO
Automotive serial triggering and analysis (CAN/LIN/FlexRay).
Enables triggering on packet-level information on CAN, LIN, and FlexRay buses and analytical tools such as digital views of the signal, bus views,
packet decoding, search tools, and packet decode tables with time stamp information.
Signal Inputs – Any Ch1 - Ch4 (and any D0 - D15 on MSO models)
Recommended probing – LIN: single-ended; CAN/FlexRay: differential
Opt. SR-COMP
Computer serial triggering and analysis (RS-232/422/485/UART)
Enables triggering on packet-level information on RS-232/422/485/UART buses and analytical tools such as digital views of the signal, bus views,
packet decoding, search tools, and packet decode tables with time stamp information.
Signal Inputs – Any Ch1 - Ch4 (and any D0 - D15 on MSO models)
Recommended probing – RS-232/UART: single ended; RS-422/485: differential
Opt. SR-DPHY
MIPI® D-PHY serial analysis.
Enables analysis of MIPI DSI-1 and CSI-2 buses with analytical tools such as digital views of the signal, bus views, packet decoding, search
tools, and packet decode tables with time stamp information.
Signal Inputs – Any Ch1 - Ch4
Recommended probing – Differential
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com