Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSO5000B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Mixed Signal Oscilloscopes
MSO5000B, DPO5000B Series Datasheet
Designing with today’s faster data rates and tighter timing margins requires
an oscilloscope with outstanding signal acquisition performance and
analysis capabilities. Tektronix MSO/DPO5000B Series oscilloscopes
provide exceptional signal fidelity, with 2 GHz bandwidth and 10 GS/s
sample rate, along with advanced analysis and math capabilities, on your
bench and in your lab. Run Windows®-based analysis software right on the
oscilloscope. Point and click Visual Triggers enable you to capture complex
signals with ease. MSO models include 16 digital timing channels, and all
models can be equipped to decode common serial protocols, providing a
comprehensive view of your systems.
Key performance specifications
2 GHz, 1 GHz, 500 MHz, and 350 MHz bandwidth models
Up to 10 GS/s real-time sample rate on one or two channels and up to
5 GS/s on all four channels
Up to 250 megapoint record length with MultiView zoom™
>250,000 wfms/s maximum waveform capture rate with FastAcq™
acquisition
FastFrame™ segmented memory acquisition mode with up to
290,000 segments and >310,000 waveforms per second capture rate
Standard 10 MΩ passive voltage probes with less than 4 pF capacitive
loading and 500 MHz or 1 GHz analog bandwidth
>11 bits vertical resolution using HiRes sampling
User-selectable bandwidth limit and DSP filters for lower noise and
better measurement accuracy
Key analysis features
Wave inspector® controls provide easy navigation and automated
search of waveform data
Suite of advanced triggers, with standard Visual Trigger and Search
53 automated measurements, selectable filtering, waveform math and
FFT analysis
Waveform histogram, eye diagram, TIE (jitter/timing) measurement and
analysis
User-definable math using MATLAB, Visual Studio and Excel
Optional analysis for memory, advanced jitter, serial data, power and
Wideband RF
Key protocol features
Trigger and decode options for mid-speed (100 Mb/s to 1 Gb/s) buses
Trigger and decode options for low-speed (<10 Mb/s) buses
Compliance test options for USB2.0, Ethernet, USB power, MOST,
BroadR-Reach
Mask testing on communication, computing and video standards
Mixed signal design and analysis (MSO Series)
16 digital channels (user upgradeable)
MagniVu™ high-speed acquisition provides 60.6 ps timing resolution on
all digital channels
Automated triggering, decode, and search on parallel buses
Per-channel threshold settings
www.tektronix.com 1


Similar Part No. - MSO5000B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
MSO5000B TEKTRONIX-MSO5000B Datasheet
2Mb / 28P
Mixed Signal Oscilloscopes
MSO5000B TEKTRONIX-MSO5000B Datasheet
2Mb / 46P
Mixed Domain Oscilloscopes
MSO5000B TEKTRONIX-MSO5000B Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
More results

Similar Description - MSO5000B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPO3EMBD ETC2-DPO3EMBD Datasheet
1Mb / 22P
Mixed Signal Oscilloscopes
MSO2000B ETC2-MSO2000B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
MSO4000B ETC2-MSO4000B Datasheet
1Mb / 26P
Mixed Signal Oscilloscopes
MSO70000 ETC2-MSO70000 Datasheet
8Mb / 42P
Digital and Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO2000B TEKTRONIX-MSO2000B Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
MSO5000B TEKTRONIX-MSO5000B Datasheet
2Mb / 28P
Mixed Signal Oscilloscopes
MSODPO70000 TEKTRONIX-MSODPO70000 Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
logo
Teledyne Technologies I...
MS-500 TELEDYNE-MS-500 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO3000 TEKTRONIX-MSO3000 Datasheet
2Mb / 20P
Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com