Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Horizontal system analog channels
Maximum Duration at Highest
Real-Time Sample Rate
25 ms
Time Base Range
12.5 ps/div to 1000 s/div
Time resolution (in ET/IT mode)
2.5 ps/div
Time base delay time range
–10 divisions to 1000 s
Channel-to-channel deskew range ±75 ns
Time base accuracy
±5 ppm over any ≥1 ms interval
Horizontal system digital channels
Maximum Sample Rate (Main)
500 MS/s (2 ns resolution)
Maximum record length (main)
25 M Standard
Up to 40 M with Record Length options
Maximum sample rate (MagniVu)
16.5 GS/s (60.6 ps resolution)
Maximum record length (MagniVu) 10k points centered around the trigger
Minimum detectable pulse width
1 ns
Channel-to-channel skew (typical) 200 ps
Maximum input toggle rate
500 MHz at minimum input swing; higher toggle rates can be achieved at higher amplitudes
Trigger system
Main trigger modes
Auto, Normal, and Single
Trigger coupling
DC, AC, HF Rej (attenuates >50 kHz), LF Rej (attenuates <50 kHz), Noise Reject (reduces sensitivity)
Trigger holdoff range
250 ns to 8 s
Enhanced triggering
User-selectable; corrects the difference in timing between the trigger path and the acquired data (not available in FastAcq)
Trigger jitter
≤100 fsRMS using Enhanced Trigger
≤10 psRMS without Enhanced Trigger and in Fast Acq mode
≤100 psRMS for non-Edge-type trigger modes
Trigger sensitivity
Internal DC coupled
For 1 MΩ: 1 mV/div to 4.98 mV/div: 0.75 div from DC to 50MHz, increasing to 1.3 div at instrument bandwidth ≥5 mV/div: 0.40 div
from DC to 50 MHz, increasing to 1 div at instrument bandwidth
For 50 Ω (MSO5204, DPO5204, MSO5104, DPO5104): 0.40 div from DC to 50 MHz, increasing to 1 div at instrument bandwidth
For 50 Ω (MSO5054, DPO5054, MSO5034, DPO5034): 1 mV/div to 4.98 mV/div: 0.75 div from DC to 50MHz, increasing to 1.3 div
at instrument bandwidth ≥5 mV/div: 0.40 div from DC to 50 MHz, increasing to 1 div at instrument bandwidth
External (auxiliary input) 1 MΩ 200 mV from DC to 50 MHz, increasing to 500 mV at 250 MHz
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com