Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Mask testing
The optional mask test (Option MTM) software package is useful for long-
term signal monitoring, characterizing signals during design, and production
line testing. The mask test software includes a robust set of masks for
telecommunications and computer standards for easily checking
compliance to a standard. Additionally, custom masks can be created and
used for characterizing signals. With mask testing you can tailor a test to
your specific requirements by defining test duration in a number of
waveforms, setting a violation threshold that must be met before
considering a test a failure, counting hits with statistical information, and
setting actions upon violations, test failure, and test complete.
Designed to make your work easier
Large, high-resolution touchscreen display
The MSO/DPO5000B Series features a 10.4 in. (264 mm) XGA color
display with an integrated touch screen for seeing intricate signal details.
High resolution display quality with touch screen, mouse and stylus operation.
Dedicated front panel controls
Per-channel vertical controls provide simple and intuitive operation. No
longer do you need to share one set of vertical controls across all four
channels.
Floating licenses
Floating licenses offer an alternative method to manage your Tektronix
asset. Floating licenses allow license-key enabled options to be easily
moved among all your MSO/DPO5000, DPO7000, and DPO/DSA/
MSO70000 Series of Tektronix oscilloscopes. Floating licenses are
available for many license-key enabled options. To order a floating version
of an option license add “DPOFL-“ prefix to the option name. (e.g. DPOFL-
ET3)
Check www.tektronix.com for additional information about floating license
options.
Easy data storage
Two USB 2.0 host ports on the front panel enable easy transfer of
screenshots, instrument settings, and waveform data to a USB flash drive.
The rear panel contains four additional USB 2.0 host ports and a USB
device port for controlling the oscilloscope remotely from a PC or for
connecting USB peripherals. An integrated 10/100/1000BASE-T Ethernet
port enables easy connection to networks and a Video Out port to drive an
external monitor or projector. A standard ≥ 480 GB removable solid state
disk drive makes customizing settings for different users easy and enables
use in secure environments.
Connectivity and remote operation
There are many ways to connect to your MSO/DPO5000B Series
oscilloscope to conduct extended analysis. The first makes use of the
Windows Remote Desktop capability – connect directly to your oscilloscope
and operate the user interface remotely through the built-in Remote
Desktop. A second way to connect is through Tektronix OpenChoice®
software which makes use of the fast embedded bus, transferring
waveform data directly from acquisition to analysis applications on the
Windows desktop at much faster speeds than conventional GPIB transfers.
Industry-standard protocols, such as TekVISAinterface and ActiveX
controls are included for using and enhancing Windows applications for
data analysis and documentation. IVI-COM instrument drivers are included
to enable easy communication with the oscilloscope using GPIB, serial
data, and LAN connections from programs running on the instrument or an
external PC. Or, use the Software Developer's Kit (SDK) to help create
custom software to automate multistep processes in waveform collection
and analysis with Visual BASIC, C, C++, MATLAB, LabVIEW,
LabWindows/CVI, and other common Application Development
Environments (ADE). Microsoft® Excel and Word toolbars are included to
simplify data capture and transfer directly to these programs running on the
Windows desktop.
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com