Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO5000B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSO5000B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
High vertical resolution
If the measurement requirement is to capture high-amplitude signals while
seeing smaller signal details the MSO/DPO5000B provides the acquisition
flexibility needed to capture the signals of interest while removing the
effects of unwanted noise. With HiRes acquisition vertical resolution can be
increased to over 11 bits while reducing signal noise. Signal fidelity can be
further increased by using channel input filters or applying a wide choice of
DSP filters.
Capture - HiRes acquisition - increased vertical resolution to >11 bits while removing
noise on a 650 V Pk-Pk signal while seeing the smaller details of less than 1 V Pk-Pk
with or without apply low-pass filtering.
Long record length
With up to a 250 M point record length, you can capture many events of
interest, even thousands of serial packets, in a single acquisition for further
analysis while maintaining high resolution to zoom in on fine signal details.
For complex analysis like Time Interval Error (TIE) measurements the
longer record length ensures you have enough data captured for handling
clock recovery and creating jitter profiles. Unlike other oscilloscopes in its
class, the MSO/DPO5000B provides flexible setup of both record length
and sampling rate to ensure optimum resolution.
Capture - 100 Meg point acquisition with HiRes acquisition - increase vertical resolution
to >11 bits with dual zoom of waveform details.
Segmented memory
For more efficient data capture, partitioning of memory can extend the total
time captured. FastFrame™ Segmented Memory mode enables you to
select up to 290,000 memory segments with a trigger capture rate of over
310,000 triggers per second. Beyond memory flexibility, segments are time
stamped and can be viewed individually or as an overlay and analyzed
using advanced features like protocol decoding.
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com