Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9549 Datasheet HTML 60Page - Analog Devices AD9549 Datasheet HTML 61Page - Analog Devices AD9549 Datasheet HTML 62Page - Analog Devices AD9549 Datasheet HTML 63Page - Analog Devices AD9549 Datasheet HTML 64Page - Analog Devices AD9549 Datasheet HTML 65Page - Analog Devices AD9549 Datasheet HTML 66Page - Analog Devices AD9549 Datasheet HTML 67Page - Analog Devices AD9549 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
AD9549
Rev. D | Page 64 of 76
MONITOR (REGISTER 0x0300 TO REGISTER 0x0335)
Register 0x0300—Status
This register contains the status of the chip. This register is read-only and live update.
Table 74.
Bits
Bit Name
Description
7
Reserved
Reserved.
6
PFD frequency too high
This flag indicates that the frequency estimator failed and detected a PFD frequency that is too high.
This bit is relevant only if the user is relying on the frequency estimator to determine the input
frequency.
5
PFD frequency too low
This flag indicates that the frequency estimator failed and detected a PFD frequency that is too low.
This bit is relevant only if the user is relying on the frequency estimator to determine the input
frequency.
4
Frequency estimator done
True when the frequency estimator circuit has successfully estimated the input frequency. See the
Frequency Estimator section.
3
Reference selected
Reference selected.
0 = Reference A is active.
1 = Reference B is active.
2
Free run
DPLL is in holdover mode (free run).
1
Phase lock detect
This flag indicates that the phase lock detect circuit has detected phase lock. The amount of phase
adjustment is compared against a programmable threshold. Note that this bit can be set in single
tone and holdover modes and should be ignored in these cases.
0
Frequency lock detect
This flag indicates that the frequency lock detect circuit has detected frequency lock. This feature
compares the absolute value of the difference of two consecutive phase detector edges against a
programmable threshold. Because of this, frequency lock detect is more rigorous than phase lock
detect, and it is possible to have phase lock detect without frequency lock detect.
Register 0x0301—Status (Continued)
This register contains the status of the chip. This register is read-only and live update.
Table 75.
Bits
Bit Name
Description
7
Reserved
Reserved.
6
REFA valid
The reference validation circuit has successfully determined that Reference A is valid.
5
REFA LOR
A LOR (loss of reference) has occurred on Reference A.
4
REFA OOL
The OOL (out of limits) circuit has determined that Reference A is out of limits.
3
Reserved
Reserved.
2
REFB Valid
The reference validation circuit has successfully determined that Reference B is valid.
1
REFB LOR
A LOR (loss of reference) has occurred on Reference B.
0
REFB OOL
The OOL (out of limits) circuit has determined that Reference B is out of limits.
Register 0x0302 and Register 0x0303—IRQ Status
These registers contain the chip status (Registers 0x0300 and Register 0x0301) at the time of IRQ. These bits are cleared with an IRQ reset
(see Register 0x0012, Bit 5).
Register 0x0304—IRQ Mask
Table 76.
Bits
Bit Name
Description
[7:3]
Reserved
Reserved.
2
Reference changed
Trigger IRQ when active reference clock selection changes.
1
Leave free run
Trigger IRQ when DPLL leaves free-run (holdover) mode.
0
Enter free run
Trigger IRQ when DPLL enters free-run (holdover) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com