Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9549 Datasheet HTML 18Page - Analog Devices AD9549 Datasheet HTML 19Page - Analog Devices AD9549 Datasheet HTML 20Page - Analog Devices AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
AD9549
Rev. D | Page 22 of 76
Phase Detector Gain Matching
Although the fine and coarse phase detectors use different means
to make a timing measurement, it is essential that both have
equivalent phase gain. Without proper gain matching, the
closed-loop dynamics of the system cannot be properly
controlled. Hence, the goal is to make PhaseGainCPD =
PhaseGainFPD.
This leads to
Gain
FPFD
PDG
f PDS
S
_
)
10
2
(
)
2
(
7
10
6
×
=
+
which simplifies to
S
PDS
f
Gain
FPFD
PDG
_
)
10
16
(
2
7
×
=
Typically, FPFD_Gain is established first, and then PDG and
PDS are calculated. The proper choice for PDS is given by
×
=
S
f
Gain
FPFD
PDS
2
_
10
log
round
7
2
The final value of PDS must satisfy 0 ≤ PDS ≤ 7. The proper
choice for PDG is calculated using the following equation:
=
−
S
PDS
f
Gain
FPFD
PDG
4
7
2
_
10
round
The final value of PDG must satisfy 0 ≤ PDG ≤ 63. For example,
let fS = 700 MHz and FPFD_Gain = 200; then PDS = 1 and
PDG = 23.
Note that the AD9549 evaluation software calculates register
values that have the phase detector gains already matched.
Phase Detector Pin Connections
There are three pins associated with the phase detector that
must be connected to external components. Figure 27 shows the
recommended component values and their connections.
10µF
0.1µF
PFD_VRT
PFD_RSET
PFD_VRB
AD9549
0.1µF
0.1µF
4.99k
Ω
20
21
22
Figure 27. Phase Detector Pin Connections
DIGITAL LOOP FILTER COEFFICIENTS
To provide the desired flexibility, the loop filter has been
designed with three programmable coefficients (α, β, and γ).
The coefficients, along with P (where P = 2PIO), completely
define the response of the filter, which is given by
+
+
−
−
+
−
−
+
=
)
1
(
)
2
(
)
1
(
)
(
2
γ
e
γ
e
γ
β
e
α
ω
H
jω
ω
j
jω
LoopFilter
To evaluate the response in terms of absolute frequency, substitute
S
f
Pf
ω
π
= 2
where P is the divide ratio of the P-divider, fS is the DAC sample
rate, and f is the frequency at which the function is to be evaluated.
The loop filter coefficients are determined by the AD9549
evaluation software according to three parameters:
•
Φ is the desired closed-loop phase margin (0 < Φ< π/2 rad).
•
fLOOP is the desired open-loop bandwidth (Hz).
•
fDDS is the desired output frequency of the DDS (Hz).
Note that fDDS can also be expressed as fDDS = fR(S/R).
The three coefficients are calculated according to parameters
via the following equations:
)
tan(
4
Φ
Pf
β
C
π
−
=
β
Φ
F
γ
)
(
2
1
=
β
Φ
F
f
f
Gain
FPFD
α
C
DDS
)
(
_
10
2
7
38


π
−
=
where:
)
sin(
1
1
)
(
Φ
Φ
F
+
=
S
LOOP
C
f
f
f =
FPFD_Gain is the value of the gain scale factor for the fine
phase detector as programmed into the I/O register map.
Note that the range of loop filter coefficients is limited as follows:
0 < α < 223 (~8.39 × 106)
−0.125 < β < 0
−0.125 < γ < 0
The preceding constraints on β and γ constrain the closed-loop
phase margin such that both β and γ assume negative values.
Even though β and γ are limited to negative quantities, the values as
programmed are positive. The negative sign is assumed internally.
Note that the closed-loop phase margin is limited to the range
of 0° < Φ < 90° because β and γ are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com