Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices AD9549 Datasheet HTML 29Page - Analog Devices AD9549 Datasheet HTML 30Page - Analog Devices AD9549 Datasheet HTML 31Page - Analog Devices AD9549 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
AD9549
Rev. D | Page 28 of 76
Use of Line Card Mode to Eliminate Runt Pulses
When two references are not in exact phase alignment and
a transition is made from one to the other, it is possible that an
extra pulse may be generated. This depends on the relative edge
placement of the two references and the point in time that a switch-
over is initiated. To eliminate the extra pulse problem, an enable
line card mode bit is provided (Register 0x01C1, Bit 4). The line
card mode logic is shown in Figure 34. When the enable line card
bit is set to 0, reference switchover occurs on command without
consideration of the relative edge placement of the references.
This means that there is the possibility of an extra pulse. However,
when this bit is set to 1, the timing of the reference switchover is
executed conditionally, as shown in Figure 35.
1
0
0
1
ENABLE
LINE CARD
MODE
1
0
REF IN
FROM
REFERENCE
SELECTION
LOGIC
D
Q
REFA_IN
REFB_IN
SELECTED
REFERENCE
Figure 34. Reference Switchover Control Logic
Note that when the line card mode is enabled, the rising edges
of the alternate reference are used to clock a latch. The latch
holds off the actual transition until the next rising edge of the
alternate reference.
Figure 35 shows a timing diagram that demonstrates the difference
between reference switchover with the line card mode enabled
and disabled. If enabled, when the reference switchover logic is
given the command to switch to the alternate reference, an actual
transition does not occur until the next rising edge of the alter-
nate reference. This action eliminates the spurious pulse that can
occur when the line card mode is disabled.
REF SELECTION STALLED UNTIL
NEXT RISING EDGE OF REFB
SELECT REFB
SELECT
REFA
REFA IN
REFB IN
FROM REFERENCE
SELECTION LOGIC
REF IN
REF IN
DISABLED
ENABLED
1
1
2
2
3
3
4
1
2
3
4
1
2
3
4
4
5
LINE CARD
MODE
Figure 35. Reference Switchover Timing
Effect of Reference Input Switchover on Output Clock
This section covers the transient behavior of the AD9549
during a clock switchover event. This is also applicable when
the AD9549 leaves holdover and reverts to being locked to
a reference input. There is no phase disturbance entering
holdover mode.
Switching reference inputs with different phases causes a transient
frequency disturbance at the output of the PLL. The magnitude
of this disturbance depends on the frequency of the reference
inputs, the magnitude of the phase offset between the two
references, and the digital PLL loop bandwidth.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (s)
31
29
27
25
23
21
19
REFERENCE SWITCHING:
10ns DELTA @ 0.2Hz BANDWIDTH, 70° PHASE MARGIN
Figure 36. Output Phase vs. Time for a Reference Switchover
Figure 36 shows the output phase as a function of time for a
reference switchover event. In this example, Reference A and
Reference B are both 30.72 MHz and have a 10 ns (102°) phase
offset. The digital PLL loop bandwidth is 0.2 Hz.
The frequency disturbance is the slope of the shift in Figure 36.
The maximum slope is 4.75 divisions in one second of time,
which gives the following transient frequency error, assuming
that the output is also 30.72 MHz:
Hz
292
.
0
s
1
105
s
1
divs
75
.
4
=
°
=
=
∆
∆
=
x
y
m
The maximum frequency error for this transient is
ppm
0095
.
0
MHz
72
.
30
Hz
292
.
0
=
=
cyError
MaxFrequen
To apply this to a general case, the designer should calculate the
maximum time difference between two reference edges that are
180° apart. The preceding calculation of the slope, m, becomes
0.5 Hz, not 0.292 Hz, for a phase shift of 180°. Next, the frequency
error must be scaled for the loop bandwidth used. The frequency
error for 1 kHz is 5000× greater than for 0.2 Hz, so the peak
frequency error for the preceding example of 102° is 47.4 ppm,
and 81.3 ppm for a 180° phase error between the reference inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com