Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9549 Datasheet HTML 9Page - Analog Devices AD9549 Datasheet HTML 10Page - Analog Devices AD9549 Datasheet HTML 11Page - Analog Devices AD9549 Datasheet HTML 12Page - Analog Devices AD9549 Datasheet HTML 13Page - Analog Devices AD9549 Datasheet HTML 14Page - Analog Devices AD9549 Datasheet HTML 15Page - Analog Devices AD9549 Datasheet HTML 16Page - Analog Devices AD9549 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
AD9549
Rev. D | Page 13 of 76
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, AVDD, AVDD3, and DVDD are at nominal supply voltage; fS = 1 GHz, DAC RSET = 10 kΩ.
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 0.18ps
RMS JITTER (50kHz TO 80MHz): 0.24ps
Figure 3. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Bypassed), fREF = 19.44 MHz,
fOUT = 311.04 MHz, DPLL Loop BW = 1 kHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 0.36ps
RMS JITTER (50kHz TO 80MHz): 0.42ps
Figure 4. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Bypassed), fREF = 19.44 MHz, fOUT = 622.08 MHz,
DPLL Loop BW = 1 kHz, HSTL Output Doubler Enabled
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 1.01ps
RMS JITTER (50kHz TO 80MHz): 1.04ps
Figure 5. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Enabled Driven by R&S SMA100 Signal Generator at 50 MHz),
fREF = 19.44 MHz, fOUT = 311.04 MHz, DPLL Loop BW = 1 kHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 1.09ps
RMS JITTER (50kHz TO 80MHz): 1.14ps
Figure 6. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Enabled and Driven by R&S SMA100 Signal Generator at
50 MHz), fREF = 19.44 MHz, fOUT = 622.08 MHz, DPLL Loop BW = 1 kHz,
System Clock Doubler Enabled, HSTL Doubler Enabled
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 1.0ps
RMS JITTER (50kHz TO 80MHz): 1.2ps
Figure 7. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Enabled and Driven by R&S SMA100 at 50 MHz), fREF = 19.44 MHz,
fOUT = 155.52 MHz, SYSCLK Doubler Enabled, DPLL Loop BW =1 kHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 1.07ps
RMS JITTER (50kHz TO 80MHz): 1.16ps
Figure 8. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Enabled and Driven by R&S SMA100 Signal Generator at
50 MHz), fREF = 8 kHz, fOUT = 155.52 MHz, DPLL Loop BW = 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com