Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9549 Datasheet HTML 20Page - Analog Devices AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
AD9549
Rev. D | Page 24 of 76
The resulting loop filter coefficients for the lower loop
bandwidth, along with the necessary programming values,
are shown as follows:
α = 0.005883404361345
α0 = 1542 (0x606)
α1 = 0 (0x00)
α2 = 7 (0x07)
β = −0.000003820176667
β0 = 16 (0x10)
β1 = 7 (0x07)
γ = −0.00000461136116
γ0 = 19 (0x13)
γ1 = 7 (0x07)
The AD9549 evaluation software generates these coefficients
automatically based on the user’s desired loop characteristics.
CLOSED-LOOP PHASE OFFSET
The AD9549 provides for limited control over the phase offset
between the reference input signal and the output signal by adding
a constant phase offset value to the output of the phase detector.
An adder is included at the output of the phase detector to support
this, as shown in Figure 28. The value of the constant (PLLOFFSET)
is set via the DPLL phase offset bits.
PHASE
OFFSET
VALUE
PHASE
DETECTOR
LOOP
FILTER
TO CCI
FILTER
CLK
FEEDBACK
Figure 28. Input Phase Offset Adder
PLLOFFSET is a function of the phase detector gain and the
desired amount of timing offset (ΔtOFFSET). It is given by
PLLOFFSET = ΔtOFFSET(210 × 107 × FPFD_Gain
FPFD_Gain is described in the Fine Phase Detector section.
For example, suppose that FPFD_Gain = 200, fCLK = 3 MHz, and
1° of phase offset is desired. First, the value of ΔtOFFSET must be
determined, as follows:
ps
9
.
925
MHz
3
1
360
1
360
deg
=
=
=
∆
CLK
OFFSET
t
t
Having determined ΔtOFFSET,
1896
)
200
10
2
ps(
9
.
925
7
10
=
×
×
=
OFFSET
PLL
The result has been rounded because PLLOFFSET is restricted to
integer values.
Note that the PLLOFFSET value is programmed as a 14-bit, twos
complement number. However, the user must ensure that the
magnitude is constrained to 12 bits, such that:
−211 ≤ PLLOFFSET < +211
The preceding constraint yields a timing adjustment range of
±1 ns. This ensures that the phase offset remains within the
bounds of the fine phase detector.
LOCK DETECTION
Phase Lock Detection
During the phase locking process, the output of the phase
detector tends toward a value of 0, which indicates perfect
alignment of the phase detector input signals. As the control
loop works to maintain the alignment of the phase detector
input signals, the output of the phase detector wanders around 0.
The phase lock detector tracks the absolute value of the digital
samples generated by the phase detector. These samples are
compared to the phase lock detect threshold value (PLDT)
programmed in the I/O register map. A false state at the output
of the comparator indicates that the absolute value of a sample
exceeds the value in the threshold bits. A true state at the output
of the comparator indicates alignment of the phase detector
input signals to the degree specified by the lock detection
threshold.
ABSOLUTE
VALUE
DIGITAL
COMPARATOR
CONTROL LOGIC
UNLOCK
TIMER
LOCK
TIMER
PHASE LOCK DETECT
THRESHOLD
Y
X
CLOSE
LOOP
PHASE
LOCK
DETECT
RESET
P-DIVIDER
CLOCK
PHASE
DETECTOR
SAMPLES
I/O
REGISTERS
3
5
Figure 29. Phase Lock Detector Block Diagram
The phase lock detect threshold value is a 32-bit number stored
in the I/O register map.
(
)
Gain
FPFD
t
PLDT
_
10
2
round
7
10
×
×
×
∆
=
where Δt is the maximum allowable timing error between the
signals at the input to the phase detector and the value of
FPFD_Gain is as described in the Fine Phase Detector section.
For example, suppose that fR/R = 3 MHz, FPFD_Gain = 200, and
the maximum timing deviation is given as 1°. This yields a Δt
value of
(
)
)
10
3
(
360
1
360
360
1
6
×
=
=
×
°
°
=
∆
R
R
f
R
T
R
t
The resulting phase lock detect threshold is
1896
)
10
3
(
360
200
10
2
round
6
7
10
=


×
×
×
=
PLDT
Hence, 1896 (0x00000768) is the value that must be stored in
the phase lock detect threshold bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com