Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9549 Datasheet HTML 10Page - Analog Devices AD9549 Datasheet HTML 11Page - Analog Devices AD9549 Datasheet HTML 12Page - Analog Devices AD9549 Datasheet HTML 13Page - Analog Devices AD9549 Datasheet HTML 14Page - Analog Devices AD9549 Datasheet HTML 15Page - Analog Devices AD9549 Datasheet HTML 16Page - Analog Devices AD9549 Datasheet HTML 17Page - Analog Devices AD9549 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
AD9549
Rev. D | Page 14 of 76
10
30
50
70
90
SYSTEM CLOCK PLL INPUT FREQUENCY (MHz)
2.0
1.5
1.0
0.5
0
Figure 9. 12 kHz to 20 MHz RMS Jitter vs. System Clock PLL Input Frequency,
SYSCLK = 1 GHz, fREF = 19.44 MHz, fOUT = 155.52 MHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 1.26ps
RMS JITTER (50kHz TO 80MHz): 1.30ps
Figure 10. Additive Phase Noise at HSTL Output Driver, SYSCLK = 1 GHz
(SYSCLK PLL Enabled and Driven by a 25 MHz Fox Crystal Oscillator),
fREF = 19.44 MHz, fOUT = 155.52 MHz, DPLL Loop BW = 1 kHz
10
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
RMS JITTER (12kHz TO 20MHz): 4.2ps
Figure 11. Additive Phase Noise at HSTL Output Driver, SYSCLK = 500 MHz
(SYSCLK PLL Disabled), fREF = 10.24 MHz, fOUT = 20.48 MHz,
DPLL Loop BW = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com