Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9549 Datasheet HTML 62Page - Analog Devices AD9549 Datasheet HTML 63Page - Analog Devices AD9549 Datasheet HTML 64Page - Analog Devices AD9549 Datasheet HTML 65Page - Analog Devices AD9549 Datasheet HTML 66Page - Analog Devices AD9549 Datasheet HTML 67Page - Analog Devices AD9549 Datasheet HTML 68Page - Analog Devices AD9549 Datasheet HTML 69Page - Analog Devices AD9549 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
AD9549
Rev. D | Page 66 of 76
Register 0x030C—Control
Table 81.
Bits
Bit Name
Description
7
Enable REFA LOR
The REFA LOR limits are set up in Registers 0x031E to Register 0x031F.
6
Enable REFA OOL
The REFA OOL limits are set up in Register 0x0322 to Register 0x032B.
5
Enable REFB LOR
The REFB LOR limits are set up in Register 0x0320 to Register 0x0321.
4
Enable REFB OOL
The REFB OOL limits are set up in Register 0x032C to Register 0x0335.
[3:2]
Reserved
Reserved.
1
Enable phase lock detector
Register 0x0314 to Register 0x0318 must be set up to use this (see the Phase Lock Detection section).
0
Enable frequency lock detector
Register 0x0319 must be set up to use this. See the Frequency Lock Detection section.
Register 0x030D—Reserved
Register 0x030E—HFTW (Read Only)
Table 82.
Bits
Bit Name
Description
[7:0]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.
Register 0x030F—HFTW (Read Only) (Continued)
Table 83.
Bits
Bit Name
Description
[15:8]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.
Register 0x0310—HFTW (Read Only) (Continued)
Table 84.
Bits
Bit Name
Description
[23:16]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.
Register 0x0311—HFTW (Read Only) (Continued)
Table 85.
Bits
Bit Name
Description
[31:24]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.
Register 0x0312—HFTW (Read Only) (Continued)
Table 86.
Bits
Bit Name
Description
[39:32]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.
Register 0x0313—HFTW (Read Only) (Continued)
Table 87.
Bits
Bit Name
Description
[47:40]
Average or instantaneous
FTW
These read-only registers are the output of FTW monitor. Average or instantaneous is determined by
holdover mode (see Bit 4, Register 0x01C0). These registers must be manually refreshed by
issuing an I/O update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com