Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79761 Datasheet HTML 1Page - Advanced Micro Devices AM79761 Datasheet HTML 2Page - Advanced Micro Devices AM79761 Datasheet HTML 3Page - Advanced Micro Devices AM79761 Datasheet HTML 4Page - Advanced Micro Devices AM79761 Datasheet HTML 5Page - Advanced Micro Devices AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Am79761
3
PRELIMINARY
CONNECTION DIAGRAM
LOGIC SYMBOL
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DVSS
TXD0
TXD1
TXD2
DVDD
TXD3
TXD4
TXD5
TXD6
DVDD
TXD7
TXD8
TXD9
DVSS
DVSS
N/C
N/C
COM_DET
DVSS_T
RXD0
RXD1
RXD2
DVDD_T
RXD3
RXD4
RXD5
RXD6
DVDD_T
RXD7
RXD8
RXD9
DVSS_T
21560A-2
Note:
N/C = No Connect
Am79761
GigaPHY-SD
DVDD
DVDD_T
DVDD_P
AVDD
DVSS
DVSS_D
DVSS
REFCLK
RCLK
RCLKN
EN_CDET
EWRAP
COM_DET
TEST4
TDST [3:1]
TXD [0:9]
RXD [0:9]
TX+
TX–
RX+
RX–
To PCS
Transceiver
PHY
Control
Test
Port
21560A-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com