Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79761 Datasheet HTML 1Page - Advanced Micro Devices AM79761 Datasheet HTML 2Page - Advanced Micro Devices AM79761 Datasheet HTML 3Page - Advanced Micro Devices AM79761 Datasheet HTML 4Page - Advanced Micro Devices AM79761 Datasheet HTML 5Page - Advanced Micro Devices AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21560
Rev: A Amendment/+1
Issue Date: April 1998
Am79761
Physical Layer 10-Bit Transceiver for Gigabit Ethernet
(GigaPHY™-SD)
DISTINCTIVE CHARACTERISTICS
n Gigabit Ethernet Transceiver operates at
1.25 Gigabits per second (Gbps)
n Suitable for both Coaxial and Optical Link
applications
n 10-bit TTL Interface for Transmit and Receive
Data
n Monolithic Clock Synthesis and Clock Recovery
requires no external components
n Word Synchronization Function (Comma
Detect)
n Low Power Operation - 700 mW typical
n 64-pin Standard PQFP
— 14 x 14 mm (0˚ C - 70˚ C)
— 10 x 10 mm (0˚ C - 50˚ C)
n 125 MHz TTL Reference Clock
n Loopback Diagnostic
n Single +3.3 V Supply
GENERAL DESCRIPTION
The Am79761 Gigabit Ethernet Physical Layer Serial-
izer/Deserializer (GigaPHY-SD) device is a 1.25 Gbps
Ethernet Transceiver optimized for Gigabit Ethernet/
1000BASE-X applications. It implements the Physical
Medium Attachment (PMA) layer for a single port.
The GigaPHY-SD device can interface to fiber-optic
media to support 1000BASE-LX and 1000BASE-SX
applications and can interface to copper coax to sup-
port 1000BASE-CX applications.
The functions performed by the device include serializ-
ing the 8B/10B 10-bit data for transmission, deserializ-
ing received code groups, recovering the clock from the
incoming data stream, and word synchronization.
When transmitting, the GigaPHY-SD device receives
10-bit 8B/10B code groups at 125 million code groups
per second. It then serializes the parallel data stream,
adding a reference clock, and transmits it through the
PECL drivers.
When receiving, the GigaPHY-SD device receives the
PECL data stream from the network. It then recovers
the clock from the data stream, deserializes the data
stream into a 10-bit code group, and transmits it to the
Physical Coding Sublayer (PCS) logic above. Option-
ally, it detects comma characters used to align the in-
coming word.


Similar Part No. - AM79761

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
Dual N-Channel 150-V (D-S) MOSFET
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
AM7910 AMD-AM7910 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
WORLD CHIP FSK AUTODIAL MODEM
AM79101 AMD-AM79101 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
More results

Similar Description - AM79761

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
logo
National Semiconductor ...
DP83865 NSC-DP83865_04 Datasheet
589Kb / 86P
10/100/1000 Ethernet Physical Layer
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com